Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7143 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L7143
Description  T-1 3/4 (5MM) SUPER BRIGH LED LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L7143 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L7143 Datasheet HTML 1Page - List of Unclassifed Manufacturers L7143 Datasheet HTML 2Page - List of Unclassifed Manufacturers L7143 Datasheet HTML 3Page - List of Unclassifed Manufacturers L7143 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: CDA0780
REV NO: V.1
DATE: NOV/17/2001
PAGE: 3 OF 4
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
Super Bright Green L7143SGC


Similar Part No. - L7143

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
L7141-10 HAMAMATSU-L7141-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
More results

Similar Description - L7143

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-53SG ETC-L-53SG Datasheet
418Kb / 3P
   T- 1 3/4 (5mm) SUPER BRIGHT LED LAMPS
logo
QT Optoelectronics
MV8102 QT-MV8102 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
MV8140 QT-MV8140 Datasheet
220Kb / 3P
   SUPER BRIGHT T-1 3/4(5mm) LED LAMPS
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
   T-1 3/4 (5MM) BLINKING LED LAMPS
logo
Kingbright Corporation
L-56BHD KINGBRIGHT-L-56BHD Datasheet
129Kb / 5P
   T-1 3/4 (5mm) BLINKING LED LAMPS
logo
List of Unclassifed Man...
L493IT ETC-L493IT Datasheet
143Kb / 5P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMPS
logo
Everlight Electronics C...
T1C1-1VXA EVERLIGHT-T1C1-1VXA Datasheet
232Kb / 10P
   Popular T-1 3/4 colorless 5mm LED lamps
logo
Kingbright Corporation
L2523SURC KINGBRIGHT-L2523SURC Datasheet
102Kb / 4P
   T-1 3/4 (5MM) HYPER RED LED LAMPS
logo
Unity Opto Technology
MVL-584BG UOT-MVL-584BG Datasheet
31Kb / 2P
   T-1 3/4 ( f 5mm) InGaN LED LAMPs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com