Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR201 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FR201
Description  2.0AMP. Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FR201 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FR201 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FR201 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DO-15
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260 oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FR
201
FR
202
FR
203
FR
204
FR
205
FR
206
FR
207
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 200 400 600 800 1000 V
Maximum RMS Voltage
VRMS
35
70
140 280 420 560 700
V
Maximum DC Blocking Voltage
VDC
50
100 200 400 600 800 1000 V
Maximum Average Forward Rectified
Current.375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
30
pF
Typical Thermal Resistance
RθJA
RθJL
RθJC
60
18
5
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
.
FR201-FR207
2.0AMP. Fast Recovery Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - FR201

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201 Datasheet
166Kb / 2P
   2.0 A, Fast Recovery Rectifiers
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
FR201 PACELEADER-FR201 Datasheet
495Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
List of Unclassifed Man...
FR201 ETC2-FR201 Datasheet
117Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
FR201 TSC-FR201 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results

Similar Description - FR201

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201 Datasheet
186Kb / 2P
   2.0AMP Fast Recovery Rectifiers
logo
Tak Cheong Electronics ...
FR201 TAK_CHEONG-FR201 Datasheet
103Kb / 2P
   2.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES21B SECOS-ES21B Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
SFR201 LUGUANG-SFR201 Datasheet
1Mb / 2P
   2.0AMP. Soft Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR2AN DYELEC-FR2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
FR2A DYELEC-FR2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
FR201G LUGUANG-FR201G Datasheet
179Kb / 2P
   2.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SUF201A SECOS-SUF201A Datasheet
236Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF201B SECOS-SUF201B Datasheet
203Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com