Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1875 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1875
Description  Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1875 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1875 Datasheet HTML 1Page - NTE Electronics NTE1875 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCC (+)
VCC (–)
VCC (–)
VCC (+)
Pin Connection Diagram
(Front View)
Input A
Feedback B
Input B
Output A
Output B
N.C.
N.C.
Input B
Feedback A
10
9
8
7
6
5
4
3
2
1
15
14
13
12
11
16
Feedback B
Feedback A
Input A
.135 (3.45)
Dia (2 Holes)
.866
(22.0)
1.733
(44.0)
116
.100 (2.54)
1.500 (38.1)
2.756 (70.0)
3.071 (90.7)
.315 (8.0)
.492 (12.5)
.200 (5.08) Min


Similar Part No. - NTE1875

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE187 NTE-NTE187 Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
   Integrated Circuit Module - Color TV Switching Regulator
NTE1871 NTE-NTE1871 Datasheet
24Kb / 2P
   Integrated Circuit Module - Dual AF Power Amplifier, 50W/Ch, Dual Power Supplies
NTE1872 NTE-NTE1872 Datasheet
24Kb / 2P
   Integrated Circuit Module, 4 Output Positive Voltage Regulator for VCR
NTE1874 NTE-NTE1874 Datasheet
81Kb / 2P
   Integrated Circuit Module, Dual AF PO, 30W/Ch Dual Power Supply
More results

Similar Description - NTE1875

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1874 NTE-NTE1874 Datasheet
81Kb / 2P
   Integrated Circuit Module, Dual AF PO, 30W/Ch Dual Power Supply
NTE1820 NTE-NTE1820 Datasheet
31Kb / 2P
   Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1877 NTE-NTE1877 Datasheet
22Kb / 2P
   Integrated Circuit Module, Dual AF PO, 28W/Ch, Dual Power Supply
NTE1818 NTE-NTE1818 Datasheet
23Kb / 2P
   Integrated Circuit Module, AF PO, 25W/Ch, Dual Power Supply
NTE1358 NTE-NTE1358 Datasheet
19Kb / 2P
   Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE1817 NTE-NTE1817 Datasheet
23Kb / 2P
   Integrated Circuit Module, AF PO, 20W, Dual Power Supply
NTE7030 NTE-NTE7030 Datasheet
24Kb / 2P
   Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE1815 NTE-NTE1815 Datasheet
24Kb / 2P
   Integrated Circuit Module, AF PO, 20W, Dual Power Supply
NTE1798 NTE-NTE1798 Datasheet
21Kb / 2P
   Integrated Circuit Dual, AF PO, 6W/Ch
NTE1816 NTE-NTE1816 Datasheet
23Kb / 2P
   Integrated Circuit Module, Dual AF PO, 6W/Ch Dual Power Supplies Req?셝
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com