Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP200F Datasheet(PDF) 1 Page - Littelfuse

Part # SRP200F
Description  PolySwitch PTC Devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SRP200F Datasheet(HTML) 1 Page - Littelfuse

  SRP200F Datasheet HTML 1Page - Littelfuse SRP200F Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT:
SRP200F
DOCUMENT: SCD25487
PCN: D83524
REV LETTER: D
REV DATE: JULY 26, 2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse,Inc
littelfuse.com
Specifications are subject to change without notice.
Revised July 26,2016
Specification Status: Released
Maximum Electrical Rating
Voltage:
30Vdc MAX
Current:
100A MAX
Chip Size: 10.5x8.2mm
Leads: Nickel 1/4H
0.125mm nominal thickness
Tape: Polyester (White)
10.2mm nominal width
Solder: Lead-free
Marking (Color: Green):
Manufacturer's Mark
200
Lot Identification
Part Identification
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
21.3
23.4
10.2
11.0
0.5
1.1
5.0
7.6
5.0
7.6
4.8
5.4
in*:
(0.84)
(0.92)
(0.40)
(0.43)
(0.02)
(0.04)
(0.20)
(0.30)
(0.20)
(0.30)
(0.19)
(0.21)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
As measured in Mueller Kelvin Clips model BU-75K.
I HOLD
CURRENT TRIP LIMITS
TIME TO
TRIP
REFERENC
E
RESISTANC
E
ONE-HOUR
POST-TRIP
RESISTANC
E
TRIPPED-
STATE
POWER
DISSIPATION
AMPS
20°C
AMPS
AT 0°C
AMPS
AT 20°C
AMPS
AT 60°C
AMPS
AT 80°C
SECONDS
AT 20°C, 10
A
OHMS
AT 20°C
OHMS
AT 20°C
WATTS AT
20°C, 15V
HOLD HOLD TRIP HOLD TRIP HOLD TRIP HOLD TRIP
TYP
MAX
MIN
MAX
MIN
MAX
TYP
MAX
2.0
2.5
5.1
2.0
4.4
1.4
3.0
---
1.8
4.0
0.030 0.060 0.030 0.100
1.6
1.9
Agency Recognitions:
UL, TUV, CSA
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information:
ROHS Compliant
ELV Compliant
Pb-Free


Similar Part No. - SRP200F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRP200F MACOM-SRP200F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SRP200F MACOM-SRP200F Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
logo
Littelfuse
SRP200F LITTELFUSE-SRP200F Datasheet
619Kb / 14P
   POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

Similar Description - SRP200F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
   PolySwitch PTC Devices
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
   PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
   PolySwitch PTC Devices
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SRP350F LITTELFUSE-SRP350F Datasheet
164Kb / 2P
   PolySwitch PTC Devices
LVR016S LITTELFUSE-LVR016S Datasheet
362Kb / 3P
   PolySwitch PTC Devices
LVR055S LITTELFUSE-LVR055S Datasheet
367Kb / 3P
   PolySwitch PTC Devices
NANOASMDC035F LITTELFUSE-NANOASMDC035F Datasheet
342Kb / 2P
   PolySwitch PTC Devices
LVB125 LITTELFUSE-LVB125 Datasheet
362Kb / 3P
   PolySwitch PTC Devices
MICROSMD250LR-A-2 LITTELFUSE-MICROSMD250LR-A-2 Datasheet
302Kb / 3P
   PolySwitch PTC Devices
MINIASMDC110F-16 LITTELFUSE-MINIASMDC110F-16 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com