Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F2G08U0M Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9F2G08U0M
Description  256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2G08U0M Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F2G08U0M Datasheet HTML 5Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 6Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 7Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 8Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 9Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 10Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 11Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 12Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
FLASH MEMORY
9
Preliminary
K9F2G08U0M K9F2G16U0M
K9K4G08U1M
1K Words
32 Words
Figure 1-2. K9F2G16X0M (X16) Functional Block Diagram
Figure 2-2. K9F2G16X0M (X16) Array Organization
NOTE : Column Address : Starting Address of the Register.
* L must be set to "Low".
* The device ignores any additional input of address cycles than reguired.
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O8 ~ 15
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
*L
2nd Cycle
A8
A9
A10
*L
*L
*L
*L
*L
*L
3rd Cycle
A11
A12
A13
A14
A15
A16
A17
A18
*L
4th Cycle
A19
A20
A21
A22
A23
A24
A25
A26
*L
5th Cycle
A27
*L
*L
*L
*L
*L
*L
*L
*L
VCC
X-Buffers
Command
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
Output
Driver
VSS
A11 - A27
A0 - A10
Command
CE
RE
WE
CLE
WP
I/0 0
I/0 15
VCC
VSS
128K Pages
(=2,048 Blocks)
1K Words
16 bit
32 Words
1 Block = 64 Pages
(64K + 2k) Word
I/O 0 ~ I/O 15
1 Page = (1K + 32)Words
1 Block = (1K + 32)Word x 64 Pages
= (64K + 2K) Words
1 Device = (1K+32)Word x 64Pages x 2048 Blocks
= 2112 Mbits
Row Address
Page Register
ALE PRE
2048M + 64M Bit
NAND Flash
ARRAY
(1024 + 32)Word x 131072
Y-Gating
Cache Register
Row Address
Column Address
Column Address
Data Register & S/A
Row Address


Similar Part No. - K9F2G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0M SAMSUNG-K9F2G08U0M Datasheet
601Kb / 38P
   FLASH MEMORY
More results

Similar Description - K9F2G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com