Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K1G08U0B Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9K1G08U0B
Description  128M x 8 Bit NAND Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1G08U0B Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9K1G08U0B Datasheet HTML 5Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 6Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 7Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 8Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 9Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 10Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 11Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 12Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
FLASH MEMORY
9
K9K1G08U0B
K9K1G08R0B
Advance
K9K1G08B0B
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9K1G08X0B-XCB0
:TA=0 to 70°C, K9K1G08X0B-XIB0 :TA=-40 to 85°C)
Parameter
Symbol
K9K1G08R0B(1.8V)
K9K1G08B0B(2.7V)
K9K1G08U0B(3.3V)
Unit
Min
Typ.
Max
Min
Typ.
Max
Min
Typ.
Max
Supply Voltage
VCC
1.65
1.8
1.95
2.5
2.7
2.9
2.7
3.3
3.6
V
Supply Voltage
VCCQ
1.65
1.8
1.95
2.5
2.7
2.9
2.7
3.3
3.6
V
Supply Voltage
VSS
00
0
0
0
0
0
0
0
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
1.8V Device
2.7V/3.3V Device
Voltage on any pin relative to VSS
VIN/OUT
-0.6 to + 2.45
-0.6 to + 4.6
V
VCC
-0.2 to + 2.45
-0.6 to + 4.6
VCCQ
-0.2 to + 2.45
-0.6 to + 4.6
Temperature Under Bias
K9K1G08X0B-XCB0
TBIAS
-10 to +125
°C
K9K1G08X0B-XIB0
-40 to +125
Storage Temperature
K9K1G08X0B-XCB0
TSTG
-65 to +150
°C
K9K1G08X0B-XIB0
Short Circuit Current
Ios
5
mA


Similar Part No. - K9K1G08U0B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YIB0 SAMSUNG-K9K1G08U0M-YIB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1G08U0B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com