Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3V3UD Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FM3V3UD
Description  Low clamping voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FM3V3UD Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FM3V3UD Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FM3V3UD Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FM3V3UD Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FM3V3UD Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FM3V3UD Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Condition
min
max
Units
Reverse Stand-off Voltage
VRWM
Pin 2-1/Pin 1-2
3.3
V
Punch-through voltage
VPT
IPT=1mA,Pin 1-2/pin 2-1
3.5
V
Reverse Leakage Current
IR(max)
@VRWM
2
uA
Breakdown Voltage
VBR
IT=5mA
5.2
6.0
V
Clamping Voltage
VC
IPP=1A tp=8/20us
8
V
Peak Pulse Current
IPP
tp=8/20us
15
A
Junction Capacitance
C I/O
Pin capacitance to
GND.Vdc=0V,f=1MHZ
300
pf
Small Package ESD Protection
FM3V3UD
Electrical Characteristics
Electrical Characteristics T=(25°C)
E1509F2A-STD-FW-012
Futurewafer Technology Co., Ltd


Similar Part No. - FM3V3UD

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FM3V3UD-300PF FUTUREWAFER-FM3V3UD-300PF Datasheet
489Kb / 5P
   Small Package ESD Protection
More results

Similar Description - FM3V3UD

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
   Low clamping voltage
logo
STMicroelectronics
ESDA7P120-1U1M STMICROELECTRONICS-ESDA7P120-1U1M Datasheet
586Kb / 9P
   Low clamping voltage
February 2017 Rev 2
ESDALC5-1BF4 STMICROELECTRONICS-ESDALC5-1BF4 Datasheet
199Kb / 10P
   Low clamping voltage
February 2014 Rev 1
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
   Low clamping voltage
SMS05C LEIDITECH-SMS05C Datasheet
161Kb / 3P
   Low clamping voltage
logo
Leshan Radio Company
LTVS8H4.5CAT5G LRC-LTVS8H4.5CAT5G Datasheet
689Kb / 4P
   Low clamping voltage
logo
Micro Commercial Compon...
ESD5V0LB MCC-ESD5V0LB Datasheet
807Kb / 4P
   Low clamping voltage
logo
Rectron Semiconductor
TEP2105LV RECTRON-TEP2105LV Datasheet
283Kb / 4P
   Low clamping voltage
logo
Shanghai Leiditech Elec...
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
   Low clamping voltage
logo
Shenzhen Bencent Electr...
BV03CL BENCENT-BV03CL Datasheet
298Kb / 4P
   Low clamping voltage
BV03CW BENCENT-BV03CW Datasheet
306Kb / 4P
   Low clamping voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com