Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITA6V1U1RL Datasheet(PDF) 2 Page - STMicroelectronics

Part # ITA6V1U1RL
Description  TRANSIL ARRAY FOR DATALINE PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITA6V1U1RL Datasheet(HTML) 2 Page - STMicroelectronics

  ITA6V1U1RL Datasheet HTML 1Page - STMicroelectronics ITA6V1U1RL Datasheet HTML 2Page - STMicroelectronics ITA6V1U1RL Datasheet HTML 3Page - STMicroelectronics ITA6V1U1RL Datasheet HTML 4Page - STMicroelectronics ITA6V1U1RL Datasheet HTML 5Page - STMicroelectronics ITA6V1U1RL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ITAxxU1
2/6
Table 2: Absolute Ratings (Tamb = 25°C)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power (8/20µs) (see note 1)
Tj initial = Tamb
300
W
IPP
Peak pulse current (8/20µs) (see note 1)
Tj initial = Tamb
40
A
I2tWire I2t value (see note 1)
0.6
A2s
Tj
Maximum operating junction temperature
125
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5mm for case
260
°C
Note 1: For surges greater than the specified maximum value, the I/O will first present a short-circuit and after an open circuit caused by
the wire melting.
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Part
Number
VBR
@ IR IRM @ VRM VCL @ IPP VCL @ IPP
αTC
VF @ IF
min.
max.
max.
8/20µs
max.
8/20µs
max.
max.
max.
note 2
note 2
note 2
note 3
V
mA
µA
V
V
AVA
10-4/°C
pF
V
A
ITA6V1U1
6.51
1
10
5
10
10
12
25
4
1500
1.3
1
Note 2: Between I/O pin and ground.
Note 3: Between two input pins at 0V Bias, F = 1 MHz.
VCL
VBR
VRM
VF
IF
IRM
IPP
I
V


Similar Part No. - ITA6V1U1RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V1U1RL STMICROELECTRONICS-ITA6V1U1RL Datasheet
90Kb / 8P
   Transil array for data line protection
More results

Similar Description - ITA6V1U1RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITAXXB1 STMICROELECTRONICS-ITAXXB1 Datasheet
69Kb / 6P
   BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
177Kb / 5P
   TRANSILTM ARRAY FOR DATALINE PROTECTION
ITA6V5B3 STMICROELECTRONICS-ITA6V5B3 Datasheet
72Kb / 6P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
ITA6V5B1 STMICROELECTRONICS-ITA6V5B1 Datasheet
149Kb / 5P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
logo
Bruckewell Technology L...
ESDA6V1W5 BWTECH-ESDA6V1W5 Datasheet
505Kb / 4P
   Transil array for data protection
logo
STMicroelectronics
SOT323-3L STMICROELECTRONICS-SOT323-3L Datasheet
110Kb / 11P
   TRANSIL array for data protection
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
   Transil??array for ESD protection
logo
AiT Semiconductor Inc.
ESDA6V1W6 AITSEMI-ESDA6V1W6 Datasheet
553Kb / 8P
   TRANSIL ARRAY FOR DATA PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com