Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P40F12SN Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P40F12SN
Description  Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P40F12SN Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P40F12SN Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P40F12SN Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P40F12SN Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P40F12SN Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100
60
80
40
20
全損失減少率 −ケース温度
25
50
75
125
150
100
Case Temperature Tc〔℃〕
単発アバランシェエネルギー減少率−チャネル温度
100
80
60
40
20
50
100
150
Starting Channel Temperature Tch〔℃〕
Power Derating - Case Temperature
過渡熱抵抗
TC=25℃
TYP
VGS=10V
8V
出力特性
Drain・Source Voltage VDS〔V〕
80
60
70
20
40
50
30
10
80
60
70
20
40
50
30
10
0.2
0.4
0.6
0.8
Pulse measurement
6V
5V
Typical Output Characteristics
Pulse measurement
VDS=10V
TYP
Tc=150℃
Tc= −55℃
Tc=25℃
Tc=100℃
伝達特性
Gate・Source Voltage VGS〔V〕
01
37
Transfer Characteristics
ドレイン・ソース間オン抵抗−ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
Drain Current ID〔A〕
100
10
10
80
Pulse measurement
VGS=10V
Tc=25℃
TYP
ドレイン・ソース間オン抵抗−ケース温度
Case Temperature Tc〔℃〕
10
100
Pulse measurement
−55
100
150
50
VGS=10V
TYP
ID=20A
Static Drain-Source On-state Resistance vs Case Temperature
ゲートしきい値電圧−ケース温度
Case Temperature Tc〔℃〕
Pulse measurement
−55
100
150
50
VDS=10V
ID=1mA
TYP
4.5
3.5
2.5
1.5
Gate Threshold Voltage vs Case Temperature
安全動作領域
Safe Operating Area
Drain・Source Voltage VDS〔V〕
RDS(ON)Limited
(at VGS=10V)
Power Dissipation
Limited
Tc=25℃
Single Pulse
10ms
1ms
100μs
10μs
DC
10
500
160
120
80
40
0.
01
0.
10
0.
120
Time t〔s〕
10-5 10-4 10-3 10-2 10-1 100
102 103
101
Transient Thermal Impedance
0.01
0.001
0.1
100
1
10
θja
θj
c
キャパシタンス特性
Capacitance Characteristics
Drain・Source Voltage VDS〔V〕
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
Tc=25℃
f=1MHz
TYP
VVDS
DS
VDS
20
ゲートチャージ特性
60
80
120
100
40
20
100
50
150
200
ID=40A
TYP
Total Gate Charge Qg〔nC〕
VGS
VDD=96V
48V
Gate Charge Characteristics
10
Single Avalanche Energy Derating vs Channel Temperature
Alumina Substrate 37.5×37.5×3mm
10000
1000
10
100
40
120
100
20
60
80


Similar Part No. - P40F12SN

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
P40F12SN ISC-P40F12SN Datasheet
312Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - P40F12SN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com