Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITAXXU1 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. ITAXXU1
Description  TRANSIL ARRAY FOR DATALINE PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

ITAXXU1 Datasheet(HTML) 2 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ITAxxU1
2/6
Table 2: Absolute Ratings (Tamb = 25°C)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power (8/20µs) (see note 1)
Tj initial = Tamb
300
W
IPP
Peak pulse current (8/20µs) (see note 1)
Tj initial = Tamb
40
A
I2tWire I2t value (see note 1)
0.6
A2s
Tj
Maximum operating junction temperature
125
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5mm for case
260
°C
Note 1: For surges greater than the specified maximum value, the I/O will first present a short-circuit and after an open circuit caused by
the wire melting.
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Part
Number
VBR
@ IR IRM @ VRM VCL @ IPP VCL @ IPP
αTC
VF @ IF
min.
max.
max.
8/20µs
max.
8/20µs
max.
max.
max.
note 2
note 2
note 2
note 3
V
mA
µA
V
V
AVA
10-4/°C
pF
V
A
ITA6V1U1
6.51
1
10
5
10
10
12
25
4
1500
1.3
1
Note 2: Between I/O pin and ground.
Note 3: Between two input pins at 0V Bias, F = 1 MHz.
VCL
VBR
VRM
VF
IF
IRM
IPP
I
V


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ITAXXB1BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1-4F1QUAD TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA25B1TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
ESDA25DB3TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
ESDA6V1-5W6TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1S3TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDAXXLDUAL TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDAXXSC5QUAD TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1W5QUAL TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ITA6V1U1TRANSILTM ARRAY FOR DATALINE PROTECTION 1 2 3 4 5 STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn