Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITAXXU1 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. ITAXXU1
Description  TRANSIL ARRAY FOR DATALINE PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITAXXU1 Datasheet(HTML) 1 Page - STMicroelectronics

  ITAXXU1 Datasheet HTML 1Page - STMicroelectronics ITAXXU1 Datasheet HTML 2Page - STMicroelectronics ITAXXU1 Datasheet HTML 3Page - STMicroelectronics ITAXXU1 Datasheet HTML 4Page - STMicroelectronics ITAXXU1 Datasheet HTML 5Page - STMicroelectronics ITAXXU1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
ITAxxU1
TRANSIL™ ARRAY
FOR DATALINE PROTECTION
REV. 1
SO-8
December 2004
MAIN APPLICATIONS
Data transmission lines protection, such as :
Unipolar signal up to 5.5 V
Bipolar signal in the ± 2.5 V range
FEATURES
High surge capability Transil array:
IPP = 40 A (8/20µs)
Peak pulse power : 300 W (8/20µs)
Up to 6 bidirectional Transil functions
Low clamping factor (VCL / VBR) at high current
level
Low leakage current
ESD protection up to 15kV
DESCRIPTION
Transil diode arrays provide high overvoltage pro-
tection by clamping action. Their instantaneous re-
sponse to transient overvoltages makes them
particularly suited to protect voltage sensitive de-
vices such as MOS Technology and low voltage
supplied IC’s.
The ITA series allies high surge capability against
energetic pulses with high voltage performance
against ESD.
COMPLIES WITH THE FOLLOWING STANDARDS:
IEC61000-4-2 level 4:
15kV (air discharge)
8kV
(contact discharge)
MIL STD 883E-Method 3015-7: class3
25kV HBM (Human Body Model)
Table 1: Order Codes
Part Number
Marking
ITA6V1U1
6V1U1
ITA6V1U1RL
6V1U1
ASD™
Figure 1: Functional Diagram
1
2
3
4
I/O1
I/O2
I/O3
I/O4
GND
GND
I/O5
I/O6
8
7
6
5
TM: ASD and TRANSIL are trademarks of STMicroelectronics.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ITAXXB1BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1-4F1QUAD TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA25B1TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
ESDA25DB3TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
ESDA6V1-5W6TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1S3TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDAXXLDUAL TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDAXXSC5QUAD TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1W5QUAL TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ITA6V1U1TRANSILTM ARRAY FOR DATALINE PROTECTION 1 2 3 4 5 STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn