Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE186A Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE186A
Description  Silicon Complementary Transistors Medium Power Audio Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE186A Datasheet(HTML) 1 Page - NTE Electronics

  NTE186A Datasheet HTML 1Page - NTE Electronics NTE186A Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE186A (NPN) & NTE187A (PNP)
Silicon Complementary Transistors
Medium Power Audio Amplifier
Features:
D 5W Output in Complementary Pair
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Collector Current, ICP
3A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
600mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Dissipation (TC = +25°C), PC
10W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Base Breakdown Voltage
V(BR)CBO IC = 1mA, IE = 0
50
V
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 10mA, IB = 0
40
V
Collector Cutoff Current
ICBO
VCB = 20V, IE = 0
1
µA
ICEO
VCE = 12V, IB = 0
100
µA
Emitter Cutoff Current
IEBO
VEB = 5V, IC = 0
100
µA
DC Current Gain
hFE
VCE = 5V, IC = 1A
50
120
220
Transition Frequency
fT
VCE = 5V, IC = 500mA
150
MHz
Base–Emitter Saturation Voltage
VBE(sat)
IC = 2A, IB = 200mA
1.5
V
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 2A, IB = 200mA
0.4
1.0
V
Collector Output Capacitance
Cob
VCB = 5V, IE = 0, f = 1MHz
50
pF


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn