Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC25CPFBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC25CPFBR
Description  Layout and Grounding Guidelines for TLV320AIC2x
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC25CPFBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC25CPFBR Datasheet HTML 5Page - Texas Instruments TLV320AIC25CPFBR Datasheet HTML 6Page - Texas Instruments TLV320AIC25CPFBR Datasheet HTML 7Page - Texas Instruments TLV320AIC25CPFBR Datasheet HTML 8Page - Texas Instruments TLV320AIC25CPFBR Datasheet HTML 9Page - Texas Instruments TLV320AIC25CPFBR Datasheet HTML 10Page - Texas Instruments TLV320AIC25CPFBR Datasheet HTML 11Page - Texas Instruments TLV320AIC25CPFBR Datasheet HTML 12Page - Texas Instruments TLV320AIC25CPFBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
www.ti.com
DAC CHANNEL CHARACTERISTICS
OUTPUT AMPLIFIER CHARACTERISTICS
BIAS AMPLIFIER CHARACTERISTICS
POWER-SUPPLY REJECTION
(1)
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic range
VI = 0 dB at 1020 Hz
92
dB
Interchannel isolation
90
dB
EG
Gain error, 0 dB
VO = 0 dB at 1020 Hz
-0.7
dB
Mute attenuation
PGA = Mute
90
dB
Common-mode voltage
1.35
V
Idle channel narrow band noise
0 - 4 kHz (1)
40
V rms
Output offset voltage at OUTP1_150
VOO
DIN = All zeros
±8
V
(differential)
VO
Analog output voltage, (3.3 V)
HDSO+
0.35
2.35
V
IIR
5/fs
s
Channel delay
FIR
18/fs
s
(1)
The conversion rate is 8 kHz.
AIC20/21/24/25/20k/24k
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPEAKER INTERFACE (1)
Speaker output power
250
mW
VCC = 3.3 V, fully
differential, 8-
Ω load
Maximum output current
250
mA
HANDSET AND HEADSET INTERFACE
Speaker output power
13
mW
VCC = 3.3 V, fully
differential, 150-
Ω load
Maximum output current
13
mA
LINE INTERFACE
Speaker output power
3.5
mW
VCC = 3.3 V, fully
differential, 600-
Ω load
Maximum output current
3.5
mA
(1)
The speaker driver is valid only for the AIC20/21/20k.
AIC20/21/24/25/20k/24k
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
1.35/2.35
V
Integrated noise
300 Hz – 13 KHz
20
µV
VS
Offset voltage
10
mV
Current drive
5
mA
Unity gain bandwith
1
MHz
DC gain
90
dB
PSRR
70
dB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply-voltage rejection ratio, analog supply
AVDD
Differential
75
(fj = 0 to fs/2 )
(1)
Power supply rejection measurements are made with both the ADC and the DAC channels idle and a 200 mV peak-to-peak signal
applied to the appropriate supply.
9


Similar Part No. - TLV320AIC25CPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC25CPFBR TI-TLV320AIC25CPFBR Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC25CPFBR TI1-TLV320AIC25CPFBR Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC25CPFBRG4 TI-TLV320AIC25CPFBRG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC25CPFBRG4 TI1-TLV320AIC25CPFBRG4 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
More results

Similar Description - TLV320AIC25CPFBR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
   Demonstrates recommended layout and grounding arrangements
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com