Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92UT16TUF Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92UT16TUF
Description  UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92UT16TUF Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button DS92UT16TUF Datasheet HTML 78Page - National Semiconductor (TI) DS92UT16TUF Datasheet HTML 79Page - National Semiconductor (TI) DS92UT16TUF Datasheet HTML 80Page - National Semiconductor (TI) DS92UT16TUF Datasheet HTML 81Page - National Semiconductor (TI) DS92UT16TUF Datasheet HTML 82Page - National Semiconductor (TI) DS92UT16TUF Datasheet HTML 83Page - National Semiconductor (TI) DS92UT16TUF Datasheet HTML 84Page - National Semiconductor (TI) DS92UT16TUF Datasheet HTML 85Page - National Semiconductor (TI) DS92UT16TUF Datasheet HTML 86Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
25.0 Appendix A: Layout and Connection Guidelines (Continued)
20031625
FIGURE 34. Recommended bypassing and filtering for the Analog and PLL power supplies on the DS92UT16
Utopia-LVDS Bridge.
20031626
FIGURE 35. Diagram shows routing high-speed LVDS lines on one layer to a connector header.
www.national.com
85


Similar Part No. - DS92UT16TUF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92UT16TUF NSC-DS92UT16TUF Datasheet
1Mb / 86P
   UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data
logo
Texas Instruments
DS92UT16TUF TI1-DS92UT16TUF Datasheet
1Mb / 90P
[Old version datasheet]   DS92UT16TUF UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
More results

Similar Description - DS92UT16TUF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92UT16 TI1-DS92UT16 Datasheet
1Mb / 111P
[Old version datasheet]   UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
DS92UT16 TI1-DS92UT16 Datasheet
1Mb / 90P
[Old version datasheet]   DS92UT16TUF UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
logo
National Semiconductor ...
DS92UT16TUF NSC-DS92UT16TUF Datasheet
1Mb / 86P
   UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data
logo
MRV Communications, Inc...
SFP-8GD-LR MRV-SFP-8GD-LR Datasheet
135Kb / 6P
   8 Gbps Bi-Directional SFP Transceiver
SFP-8GD-SX MRV-SFP-8GD-SX Datasheet
139Kb / 6P
   8 Gbps Bi-Directional SFP Transceiver
logo
Elite Semiconductor Mem...
M53S128324A-2E ESMT-M53S128324A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
logo
Source Photonics, Inc.
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
logo
Elite Semiconductor Mem...
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
logo
Leshan Radio Company
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
   Bi-directional Data Transfer Protocol
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com