Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1741 Datasheet(PDF) 16 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1741
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1741 Datasheet(HTML) 16 Page - Burr-Brown (TI)

Back Button PCM1741 Datasheet HTML 12Page - Burr-Brown (TI) PCM1741 Datasheet HTML 13Page - Burr-Brown (TI) PCM1741 Datasheet HTML 14Page - Burr-Brown (TI) PCM1741 Datasheet HTML 15Page - Burr-Brown (TI) PCM1741 Datasheet HTML 16Page - Burr-Brown (TI) PCM1741 Datasheet HTML 17Page - Burr-Brown (TI) PCM1741 Datasheet HTML 18Page - Burr-Brown (TI) PCM1741 Datasheet HTML 19Page - Burr-Brown (TI) PCM1741 Datasheet HTML 20Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PCM1741
16
SBAS175
ZERO FLAGS
Zero Detect Condition
Zero Detection for each output channel is independent from
the other. If the data for a given channel remains at a “0”
level for 1024 sample periods (or LRCK clock periods), a
Zero Detect condition exists for that channel.
Zero Output Flags
Given that a Zero Detect condition exists for one or more
channels, the Zero Flag pins for those channels will be set to
a logic “1” state. There are Zero Flag pins for each channel:
ZEROL (pin 12) and ZEROR (pin 11). These pins can be used
to operate external mute circuits, or used as status indicators
for a microcontroller, audio signal processor, or other digitally
controlled functions.
The active polarity of Zero Flag output can be inverted by
setting the ZREV bit of Control Register 22 to “1”. The reset
default is active high output, or ZREV = 0.
The L-channel and R-channel common Zero Flag can be
selected by setting the AZRO bit of Control Register 22 to “1”.
The reset default is L-channel and R-channel independent
Zero Flag, or AZRO = 0.
APPLICATIONS INFORMATION
CONNECTION DIAGRAMS
A basic connection diagram is shown in Figure 11, with the
necessary power-supply bypassing and decoupling compo-
nents. Texas Instruments recommends using the component
values shown in Figure 11 for all designs.
The use of series resistors (22
Ω to 100Ω) are recommended
for the SCK, LRCK, BCK, and DATA inputs. The series
resistor combines with stray PCB and device input capaci-
tance to form a low-pass filter that reduces high-frequency
noise emissions and helps to dampen glitches and ringing
present on clock and data lines.
FIGURE 11. Basic Connection Diagram.
1
2
3
4
5
6
7
8
BCK
DATA
LRCK
DGND
V
DD
V
CC
V
OUTL
V
OUTR
16
15
14
13
12
11
10
9
SCK
ML
MC
MD
ZEROL/NA
ZEROR/ZEROA
V
COM
AGND
Post LPF
+3.3V
Regulator
Mode
Control
Zero Mute
Control
System Clock
PCM
Audio Data
Input
+3.3V
L-Chan OUT
10
µF
10
µF
+
+
10
µF
Post LPF
R-Chan OUT
POWER SUPPLIES AND GROUNDING
The PCM1741 requires a +3.3V analog supply (VCC) and a
+3.3V digital supply (VDD). The +3.3V supply (VCC) is used to
power the DAC analog and output filter circuitry, while the
+3.3V (VDD) supply is used to power the digital filter and serial
interface circuitry. For best performance, the +3.3V (VDD)
supply should be derived from the +3.3V (VCC) supply using a
linear regulator, as shown in Figure 11.
Proper power-supply bypassing is shown in Figure 10. The
10
µF capacitors should be tantalum or aluminum electrolytic,
while the 0.1
µF capacitors are ceramic (X7R type is recom-
mended for surface-mount applications).
FIGURE 10. Dual-Supply Filter Circuit.
R
1
R
3
R
4
R
2
C
1
C
2
V
IN
V
OUT
OPA2134
2
3
1
R
2
R
1
A
V ≈ –
DAC OUTPUT FILTER CIRCUITS
Delta-sigma DACs utilize noise-shaping techniques to im-
prove in-band Signal-to-Noise Ratio (SNR) performance at
the expense of generating increased out-of-band noise above
the Nyquist Frequency, or fS/2. The out-of-band noise must
be low-pass filtered in order to provide the optimal converter
performance. This is accomplished by a combination of
on-chip and external low-pass filtering.
Figures 9(a) and 10 show the recommended external low-
pass active filter circuits for single- and dual-supply applica-
tions. These circuits are second-order Butterworth filters


Similar Part No. - PCM1741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1741 TI1-PCM1741 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1741E TI1-PCM1741E Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1741E/2K TI1-PCM1741E/2K Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1741E/2KG4 TI1-PCM1741E/2KG4 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1741EG4 TI1-PCM1741EG4 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1741

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
   24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
   24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1602 TI-PCM1602 Datasheet
453Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com