Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1867 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1867
Description  Integrated Circuit Hybrid Switching Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1867 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1867 & NTE1868
Integrated Circuit
Hybrid Switching Voltage Regulator
Features:
D Few External Components Needed
D Conversion Efficiency: 85%
D Accurate Voltage Setting: ±2%
D Low Switching Noise
D Output Voltage Adjustable
Applications:
D Power Supply Circuits for Electrionic Typewriter, Printer, and Copy Machines
D Power Supply for VCR, Personal Wireless Station, and Battery Charger
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
DC Input Voltage, VIN
45V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Input Current, IO
Continuous
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed
3A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
TC = +25°C
75W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TC = +100°C
15W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–20
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unles otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DC Input Voltage Range
NTE1867
VIN
IO = 1A
18
V
NTE1868
19
V
Output Voltage Setting
NTE1867
VO
VIN = 24V, IO = 1A
11.8
12.0
12.2
V
NTE1868
12.8
13.0
13.2
V
Line Regulation
∆VLINE VIN = 20V to 28V, IO = 1A
60
mV
Load Regulation
∆VLOAD VIN = 24V, IO = 0.5A to 1.5A
100
mV
Efficiency
η
VIN = 24V, IO = 1A
85
%
Ripple Rejection
RREJ
f = 100Hz to 200Hz
45
dB
Oscillating Frequency
fOSC
VIN = 24V, IO = 1A
25
kHz


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn