Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4U2666316G19-S Datasheet(PDF) 2 Page - A-Data Technology

Part # AD4U2666316G19-S
Description  Supports Intel Skylake-X and Kaby Lake-X CPU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4U2666316G19-S Datasheet(HTML) 2 Page - A-Data Technology

  AD4U2666316G19-S Datasheet HTML 1Page - A-Data Technology AD4U2666316G19-S Datasheet HTML 2Page - A-Data Technology AD4U2666316G19-S Datasheet HTML 3Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
Capacity
Package
Model Number
EAN Code
4GB
512x16
Bulk
AD4U2666J4G19-B
N/A
Single Tray
AD4U2666J4G19-S
4713218461490
Retail
AD4U2666J4G19-R
4713218461506
Dual Retail (4GBx2)
AD4U2666J4G19-2
4713218461513
4GB
512x8
Bulk
AD4U2666W4G19-B
N/A
Single Tray
AD4U2666W4G19-S
4713218461520
Retail
AD4U2666W4G19-R
4713218461537
Dual retail(4GBX2)
AD4U2666W4G19-2
4713218461544
8GB
Bulk
AD4U2666W8G19-B
N/A
Single Tray
AD4U2666W8G19-S
4713218461551
Retail
AD4U2666W8G19-R
4713218461568
Dual Retail(8GBx2)
AD4U2666W8G19-2
4713218461575
8GB
1024x8
Bulk
AD4U266638G19-B
N/A
Single Tray
AD4U266638G19-S
4713218461582
Retail
AD4U266638G19-R
4713218461599
Dual retail(8GBx2)
AD4U266638G19-2
4713218461605
16GB
Bulk
AD4U2666316G19-B
N/A
Single Tray
AD4U2666316G19-S
4713218461612
Retail
AD4U2666316G19-R
4713218461629
Dual retail(16GBx2)
AD4U2666316G19-2
4713218461636


Similar Part No. - AD4U2666316G19-S

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AD4U2133W4G15-2 A-DATA-AD4U2133W4G15-2 Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-B A-DATA-AD4U2133W4G15-B Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-R A-DATA-AD4U2133W4G15-R Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-S A-DATA-AD4U2133W4G15-S Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W8G15-2 A-DATA-AD4U2133W8G15-2 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results

Similar Description - AD4U2666316G19-S

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
RX170Q BCM-RX170Q Datasheet
583Kb / 1P
   Intel® Q170 uATX Motherboard supports Intel Kaby Lake/ Skylake Processors
MX110H BCM-MX110H Datasheet
445Kb / 1P
   Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
MX170QD BCM-MX170QD Datasheet
428Kb / 1P
   Intel Q170 mini-ITX motherboard supports 6th/7th Generation 14nm Intel Kaby Lake/ Skylake Core i7/i5/i3 Processors
2020/12/14
logo
Axiomtek Co., Ltd.
EBOX670-891-FL AXIOMTEK-EBOX670-891-FL Datasheet
356Kb / 1P
   LGA1151 socket 6th/7th Intel짰 Core??i7/i5/i3 & CeleronR processors (Skylake/Kaby Lake)
logo
BCM Advanced Research.
ECM-KBLU BCM-ECM-KBLU Datasheet
415Kb / 1P
   7th Gen Intel® Kaby Lake-U Processor 3.5” Micro Module
2021/02/23
logo
Axiomtek Co., Ltd.
IMB500 AXIOMTEK-IMB500 Datasheet
274Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
IMB501 AXIOMTEK-IMB501 Datasheet
319Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
logo
Lanner All Rights Reser...
NCA-4210 LANNER-NCA-4210 Datasheet
1Mb / 2P
   1U x86 Rackmount Network Appliance Powered by Intel짰?셲 7th Gen Core Processors (Skylake/Kaby Lake)
logo
Protech Systems Co., Lt...
BA-0951 PROTECHSYSTEMS-BA-0951 Datasheet
702Kb / 2P
   ATX MB supports Intel Xeon짰 E3 V3 CPU
logo
Lanner All Rights Reser...
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com