Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN460 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AN460
Description  Using the P82B96 for bus interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN460 Datasheet(HTML) 5 Page - NXP Semiconductors

  AN460 Datasheet HTML 1Page - NXP Semiconductors AN460 Datasheet HTML 2Page - NXP Semiconductors AN460 Datasheet HTML 3Page - NXP Semiconductors AN460 Datasheet HTML 4Page - NXP Semiconductors AN460 Datasheet HTML 5Page - NXP Semiconductors AN460 Datasheet HTML 6Page - NXP Semiconductors AN460 Datasheet HTML 7Page - NXP Semiconductors AN460 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Application note
AN460
Using the P82B96 for bus interface
2001 Feb 14
5
+5 V
1/2 P82B96
SU01020
SDA
Rx
Tx
1K
15 V
+VCC = 15 V
+5 V
1/2 P82B96
SDA
Rx
Tx
1K
15 V
+VCC = 15 V
LONG TWISTED PAIR
NOTE: Schottky diode and zener clamps applied to limit spurious signals
Figure 7.
Driving a high voltage, low impedance “I2C” bus
Power dissipation under fault conditions
The current drive capability of the buffered Tx and Ty outputs
exceeds 100 mA. If a wiring fault causes a short from these pins to
VCC (or to a buffered bus supply when using different supplies) then
high dissipations result when Sx or Sy are driven low. The rated 300
mW dissipation can be exceeded within a very short time.
Appropriate precautions should be taken to ensure that such a
short-circuit does not occur.
Bus characteristics and rise/fall times
In general terms, the rise times which will be observed on a bus
driven by the P82B96 will be simply determined by the pull-up
resistor used and the total capacitive load presented to the bus.
The fall time is determined mostly by the dynamic pull down current
capability and the capacitive load, with some modification caused by
the varying current in the bus pull up resistor.
The effective logic signal propagation time will depend on the input
logic thresholds of the P82B96, and of any other devices connected
to the I2C or buffered bus.
On a 2 V supply, the Sx and Sy thresholds are approaching half the
supply rail. On a 5V supply their (0.65V) threshold is much closer to
GND than usual for logic inputs. This causes some additional delay
in the effective propagation time on falling edges, and reduces those
delays on the rising edges.
For Rx and Ry, the threshold is always 50% of VCC so switching
levels are ‘conventional’ when the buffered bus pull-ups are
connected to VCC. However, if the buffered bus pull-ups connect to a
supply voltage different to VCC, the rise/fall times required to reach
the Rx threshold may need to be taken into account.
P82B96 response time for propagation of low to
high at Sx
With Tx connected to Rx, a low at Sx causes a low at Tx and thus to
Rx. The low at Rx enables a ‘clamp’ at 1V, the logic low, on Sx.
So when the Sx input is released, the voltage on the I2C bus rises
towards this 1V clamping level set by the return signal from Rx,
which is still low.
As Sx rises past its 0.65V input threshold, the Tx output drive will be
released. The Tx output voltage will begin to rise at a rate determined
by its load capacitance and the pull up resistor used at Tx.
With Tx connected to Rx, when it reaches 50% of the VCC supply
voltage the Rx input senses that Tx has been released, and returns
a ‘high’ signal to its output at Sx, allowing this voltage to continue its
rise again towards the I2C supply. It will be recognized as high by
other I2C chips when it reaches their logic threshold. Typical
waveforms are shown in Figure 8.
This delay in termination of the low signal on Sx will be further
extended if Tx and Rx are not directly linked and there are other
delays inherent in the signal path between Tx and Rx. Including slow
opto-couplers in the loop will exaggerate these delays (see Figure 4).
Horiz: 200ns/div.
VertL 2V/div.
Sx
ch1: freq = 624 kHz
SU01071
Rx/Tx
Figure 8.
Low to High propagation of Sx with Tx linked to RX
Sx = 5V I2C bus, Tx = buffered bus with pull-up to VCC = 10V


Similar Part No. - AN460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4602 STMICROELECTRONICS-AN4602 Datasheet
595Kb / 23P
   This document is intended to guide in the usage of and to provide useful details related
More results

Similar Description - AN460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380PCIA TI-TI380PCIA Datasheet
530Kb / 40P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
TI380PCI TI1-TI380PCI Datasheet
477Kb / 36P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
logo
STMicroelectronics
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
   Using the ST8024 Smartcard Interface
logo
List of Unclassifed Man...
MB86046B ETC1-MB86046B Datasheet
4Mb / 86P
   MB86046B is home bus protocol controller for the home bus interface
logo
STMicroelectronics
AN2647 STMICROELECTRONICS-AN2647 Datasheet
480Kb / 34P
   Using the STR91xFA external memory interface
logo
Rohm
BA8272F ROHM-BA8272F Datasheet
108Kb / 6P
   Bus interface for car audio
BA8272AFV ROHM-BA8272AFV Datasheet
116Kb / 8P
   BUS Interface for car audio
BA8270F ROHM-BA8270F Datasheet
97Kb / 6P
   Bus interface for car audio
logo
Freescale Semiconductor...
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
   Bus interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com