Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2U667B2G5 Datasheet(PDF) 2 Page - A-Data Technology

Part # AD2U667B2G5
Description  High speed up to 800MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AD2U667B2G5 Datasheet(HTML) 2 Page - A-Data Technology

  AD2U667B2G5 Datasheet HTML 1Page - A-Data Technology AD2U667B2G5 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Type
DDR2 800 U-DIMM
DDR2 667 U-DIMM
DDR2 667 SO-DIMM
DDR2 800 SO-DIMM
Form factor
Standard
Standard
Standard
Standard
Suitable for
Desktop
Desktop
Notebook
Notebook
Interface
240-pin
240-pin
200-pin
200-pin
Capacity
1GB/2GB
1GB/2GB
1GB/2GB
1GB/2GB
Rank
Single / Dual
Single / Dual
Single / Dual
Single / Dual
Speed
800MHz
667MHz
800MHz
667MHz
VDD voltage
1.8V
CAS latency
CL5
Refresh
Auto-refresh / self-refresh
Operating
temperature
0°C-85°C
RoHS
Yes
Standard
JEDEC
Warranty
Limited lifetime warranty
Ordering Information
Product
Capacity
Rank
Voltage
Data rate
Speed
CL
Part number
DDR2 800
U-DIMM
1GB
Single
1.8V
800MT/s
PC2-6400
CL = 5
AD2U800B1G5
2GB
Dual
1.8V
800MT/s
PC2-6400
CL = 5
AD2U800B2G5
DDR2 667
U-DIMM
1GB
Single
1.8V
667MT/s
PC2-5300
CL = 5
AD2U667B1G5
2GB
Dual
1.8V
667MT/s
PC2-5300
CL = 5
AD2U667B2G5
DDR2 800
SO-DIMM
1GB
Single
1.8V
800MT/s
PC2-6400
CL = 5
AD2S800B1G5
2GB
Dual
1.8V
800MT/s
PC2-6400
CL = 5
AD2S800B2G5
DDR2 667
SO-DIMM
1GB
Single
1.8V
667MT/s
PC2-5300
CL = 5
AD2S667B1G5
2GB
Dual
1.8V
667MT/s
PC2-5300
CL = 5
AD2S667B2G5


Similar Part No. - AD2U667B2G5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AD2 COOPER-AD2 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
AD20 COOPER-AD20 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
AD20 ETC2-AD20 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
TOKYO SEIMITSU CO., LTD
AD2000S ACCRETECH-AD2000S Datasheet
663Kb / 2P
   FULLY AUTOMATIC DICING MACHINE
AD2000T ACCRETECH-AD2000T Datasheet
663Kb / 2P
   FULLY AUTOMATIC DICING MACHINE
More results

Similar Description - AD2U667B2G5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
A-Data Technology
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
logo
Maxim Integrated Produc...
MAX2402 MAXIM-MAX2402 Datasheet
65Kb / 6P
   800MHz to 1000MHz Transmitter
19-0392; Rev 1; 5/96
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com