Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLC05CX Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # BLC05CX
Description  Extremely Low Capacitance ESD device
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BLC05CX Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  BLC05CX Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BLC05CX Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BLC05CX Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BLC05CX Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BLC05CX Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Reel Packing information
Reel size
Reels per
Box
Parts per
Box
Box dimensions
Shipping Weight(Max.)
inch
cm
KB
KG
9
27,000
9X9X5
23X23X13
3
2
7”
18
54,000
9X9X9
23X23X23
6
3
40
120,000
21X9X9
53X23X23
13
6
108
324,000
27X9X17
69X23X43
34
16
7” Reel = 3,000pcs
BLC05CX
Ordering information
Marking code
Part No.
Package
Shipping
BLC05CX
SOD323
3,000/ Tape@Reel
Package dimensions
Millmeters
Inchs
DIM
Min
Max
Min
Max
A
B
C
D
E
F
H
1.60
1.15
2.39
0.92
0.25
0.10
-
1.90
1.45
2.70
1.10
0.40
0.20
0.10
-
0.063
0.045
0.094
0.036
0.010
0.004
0.075
0.057
0.106
0.043
0.016
0.008
0.004
Package information
Extremely Low Capacitance ESD device
E1602F2G-STD-FW-002
Futurewafer Tech Co., Ltd


Similar Part No. - BLC05CX

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
BLC05CX-1.5PF FUTUREWAFER-BLC05CX-1.5PF Datasheet
1,003Kb / 5P
   Extremely Low Capacitance ESD device
More results

Similar Description - BLC05CX

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
BLC05CX-1.5PF FUTUREWAFER-BLC05CX-1.5PF Datasheet
1,003Kb / 5P
   Extremely Low Capacitance ESD device
GBLC05C FUTUREWAFER-GBLC05C Datasheet
853Kb / 4P
   Extremely Low Cpacitance ESD device
logo
Nexperia B.V. All right...
PESD3V3NW-SF NEXPERIA-PESD3V3NW-SF Datasheet
236Kb / 12P
   Extremely low capacitance bidirectional ESD protection
3 March 2021
logo
FutureWafer Tech Co.,Lt...
GBLC08HC FUTUREWAFER-GBLC08HC Datasheet
1Mb / 5P
   Low Capacitance ESD device
logo
Nexperia B.V. All right...
PESD4V0Z2BCDF NEXPERIA-PESD4V0Z2BCDF Datasheet
290Kb / 12P
   Extremely low clamping low capacitance ESD protection
17 August 2020
PUSB3AB2DF NEXPERIA-PUSB3AB2DF Datasheet
221Kb / 11P
   Extremely low clamping low capacitance ESD protection
22 November 2019
PUSB3BB2DF NEXPERIA-PUSB3BB2DF Datasheet
1Mb / 15P
   Extremely low clamping low capacitance ESD protection
3 November 2020
PESD5V0C2BDF NEXPERIA-PESD5V0C2BDF Datasheet
274Kb / 12P
   Extremely low clamping low capacitance ESD protection
23 July 2020
logo
NXP Semiconductors
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
   Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
   Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com