Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T522V157M006ATE025 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T522V157M006ATE025
Description  Tantalum, Polymer Tantalum, T522, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, Low ESR/Leakage, 25 mOhms, Height Max = 2mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T522V157M006ATE025 Datasheet(HTML) 1 Page - Kemet Corporation

  T522V157M006ATE025 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - e7a1d4dc-45ff-422f-9897-3e5256df2c3d
KEMET Part Number: T522V157M006ATE025
Tantalum, Polymer Tantalum, T522, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, Low ESR/Leakage, 25 mOhms,
Height Max = 2mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
1.9mm +/-0.1mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.8mm MIN
X
0.05mm REF
Packaging Specifications
Weight: 274.3 mg
Packaging: T&R, 178mm
Packaging Quantity: 1000
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T522
Description: SMD, Polymer, Molded, Low
Profile, Low ESR/Leakage
Features: Low ESR, Low Leakage
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 150 uF
Capacitance Tolerance: 20%
Voltage DC: 6.3 VDC (105C)
Temperature Range: -55/+105C
Dissipation Factor: 10% 120Hz 25C
Failure Rate: N/A
Resistance: 25 mOhms (100kHz 25C)
Current:
2700 mAmps (100kHz 45C),
1890 mAmps (85C), 675 mAmps
(105C)
Leakage Current: 28.4 uAmps (10min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T522V157M006ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T522V157M006ATE040 KEMET-T522V157M006ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T522, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, Low ESR/Leakage, 40 mOhms, Height Max = 2mm
More results

Similar Description - T522V157M006ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T522V157M006ATE040 KEMET-T522V157M006ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T522, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, Low ESR/Leakage, 40 mOhms, Height Max = 2mm
T522V227M006ATE025 KEMET-T522V227M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T522, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, Low ESR/Leakage, 25 mOhms, Height Max = 2mm
T522V227M006ATE040 KEMET-T522V227M006ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T522, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, Low ESR/Leakage, 40 mOhms, Height Max = 2mm
T522V337M006ATE040 KEMET-T522V337M006ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T522, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, Low ESR/Leakage, 40 mOhms, Height Max = 2mm
T522Y477M006ATE035 KEMET-T522Y477M006ATE035 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T522, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Low Leakage, 35 mOhms, Height Max = 4mm
T520V157M006ATE025 KEMET-T520V157M006ATE025 Datasheet
69Kb / 1P
   T520, Tantalum, Polymer Tantalum, 150 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25 mOhms, 7343, Height Max = 1.9mm
T520D157M006ATE025 KEMET-T520D157M006ATE025 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 150 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 7343, Height Max = 3.1mm
T520V157M006ATE009 KEMET-T520V157M006ATE009 Datasheet
69Kb / 1P
   T520, Tantalum, Polymer Tantalum, 150 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 9 mOhms, 7343, Height Max = 1.9mm
T520V157M006ATE040 KEMET-T520V157M006ATE040 Datasheet
69Kb / 1P
   T520, Tantalum, Polymer Tantalum, 150 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40 mOhms, 7343, Height Max = 1.9mm
T525D157M006ATE025 KEMET-T525D157M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com