Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX4-2412-8KZG Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # 20IMX4-2412-8KZG
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX4-2412-8KZG Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button 20IMX4-2412-8KZG Datasheet HTML 4Page - Bel Fuse Inc. 20IMX4-2412-8KZG Datasheet HTML 5Page - Bel Fuse Inc. 20IMX4-2412-8KZG Datasheet HTML 6Page - Bel Fuse Inc. 20IMX4-2412-8KZG Datasheet HTML 7Page - Bel Fuse Inc. 20IMX4-2412-8KZG Datasheet HTML 8Page - Bel Fuse Inc. 20IMX4-2412-8KZG Datasheet HTML 9Page - Bel Fuse Inc. 20IMX4-2412-8KZG Datasheet HTML 10Page - Bel Fuse Inc. 20IMX4-2412-8KZG Datasheet HTML 11Page - Bel Fuse Inc. 20IMX4-2412-8KZG Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 9 of 12
MELCHER
The Power Partners.
10
20
30
40
50
60
70
80
0.2
0.5
1
2
5
10
20 MHz
dbµV
20IMX4-2424-8, Peak Vi+, conducted, 0.15 - 30 MHz, Uster, 30-Jun-06
Ci = 100 µF, Vi = 20 V, Ro = 660 ohm, lead length 10 cm.
EN 55011 A
Fig. 15a
Typical disturbance voltage (peak) at the pos. input according
to EN 55011/55022, measured at Vi nom and Io nom.
Output leads 0.1 m, twisted. Input capacitors see table 3.
(20IMX4-2424-8).
Electromagnetic Emission
Conducted RFI noise at input according to EN 55011/55022
Mechanical Data
Dimensions in mm (inchies).
Tolerances ±0.3 mm, unless noted
Fig. 16
Case with standard or alternative pinout (option K)
Material: Fortron black; weight: <10 g
Fig. 17
Open frame (option Z)
Weight: <10 g
Fig. 15b
Typical disturbance voltage (peak) at the pos. input according
to EN 55011/55022, measured at Vi nom and Io nom.
Output leads 0.1 m, twisted. Input capacitors see table 3.
(40IMX4-05-8Z).
Fig. 15c
Typical disturbance voltage (peak) at the pos. input
according to EN 55011/55022, measured at Vi nom and Io nom.
Output leads 0.1 m, twisted. Input capacitors see table 3.
31 (1.22")
1
12
13
24
11 x 2.54 (0.1")
S90004a
0.5 (0.02")
3 (0.12")
European
Projection
10
20
30
40
50
60
70
80
0.2
0.5
1
2
5
10
20 MHz
dbµV
40IMX4-05-8Z, Peak Vi+, conducted, 0.15 - 30 MHz, Uster, 30-Jun-06
Ci = 47 µF, Vi = 40 V, Ro = 8.2 ohm, lead length 10 cm.
EN 55011 A
0.2
0.5
1
2
5
10
20 MHz
10
20
30
40
50
60
70
80
dbµV
70IMX4-15-8, Peak Vi+, conducted, 0.15 - 30 MHz, Uster, 1-Sep-06
Ci = 330 µF, Vi = 70 V, Ro = 68 ohm, lead length 10 cm.
EN 55011 A
33 (1.3")
1
12
1
13
24
11 x 2.54 (0.1")
s09042c
0.5 (0.02")
Measuring point
of case temperature TC


Similar Part No. - 20IMX4-2412-8KZG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
20IMX4-2424-8 BEL-20IMX4-2424-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
20IMX4-2424-9 POWER-ONE-20IMX4-2424-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
More results

Similar Description - 20IMX4-2412-8KZG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com