Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX4-0512-8KZG Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 20IMX4-0512-8KZG
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX4-0512-8KZG Datasheet(HTML) 2 Page - Bel Fuse Inc.

  20IMX4-0512-8KZG Datasheet HTML 1Page - Bel Fuse Inc. 20IMX4-0512-8KZG Datasheet HTML 2Page - Bel Fuse Inc. 20IMX4-0512-8KZG Datasheet HTML 3Page - Bel Fuse Inc. 20IMX4-0512-8KZG Datasheet HTML 4Page - Bel Fuse Inc. 20IMX4-0512-8KZG Datasheet HTML 5Page - Bel Fuse Inc. 20IMX4-0512-8KZG Datasheet HTML 6Page - Bel Fuse Inc. 20IMX4-0512-8KZG Datasheet HTML 7Page - Bel Fuse Inc. 20IMX4-0512-8KZG Datasheet HTML 8Page - Bel Fuse Inc. 20IMX4-0512-8KZG Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 2 of 12
MELCHER
The Power Partners.
Model Selection
Table 1: Model Selection
Output 1
Output 2
Output power
Input voltage
Efficiency
Model
Options
Vo1 nom
Io1 nom
Vo2 nom
Io2 nom
Po nom
range
ηηηηηmin
ηηηηηtyp
[ VDC]
[mA] 1
[ VDC]
[mA] 1
[W ]
[ VDC]
[%]
[%]
3.3
900
-
-
3.0
8.4 to 36
76
77.5
20IMX4-03-8
Z, G
3.3
900
-
-
3.0
16.8 to 75
76
78
40IMX4-03-8
Z, G
5
700
-
-
3.5
4.7 to 16.8
76
-
5IMX4-05-8
Z, G
5
700
-
-
3.5
8.4 to 36
78
81
20IMX4-05-8
K, Z, G
5
700
-
-
3.5
16.8 to 75
78
81
40IMX4-05-8
K, Z, G
5
700
-
-
3.5
40 to 121
77
78
70IMX4-05-8
G
12
300
-
-
3.6
4.7 to 16.8
79
-
5IMX4-12-8
Z, G
12
340
-
-
4.1
8.4 to 36
78
82
20IMX4-12-8
K, Z, G
12
340
-
-
4.1
16.8 to 75
78
82
40IMX4-12-8
K, Z, G
12
340
-
-
4.1
40 to 121
77
82
70IMX4-12-8
G
15
250
-
-
3.75
4.7 to 16.8
79
-
5IMX4-15-8
Z, G
15
280
-
-
4.2
8.4 to 36
78
82
20IMX4-15-8
K, Z, G
15
280
-
-
4.2
16.8 to 75
78.7
82
40IMX4-15-8
K, Z, G
15
280
-
-
4.2
40 to 121
79
80.5
70IMX4-15-8
G
+5
350
–5
350
3.5
8.4 to 36
77
81
20IMX4-0505-8
K, Z, G
+5
350
–5
350
3.5
16.8 to 75
76
81
40IMX4-0505-8
K, Z, G
+5
350
–5
350
3.5
40 to 121
75.5
78
70IMX4-0505-8
G
+12
170
–12
170
4.1
8.4 to 36
76
82
20IMX4-1212-8
K, Z, G
+12
170
–12
170
4.1
16.8 to 75
76
82
40IMX4-1212-8
K, Z, G
+15
140
–15
140
4.2
8.4 to 36
78
82
20IMX4-1515-8
K, Z, G
+15
140
–15
140
4.2
16.8 to 75
76
82
40IMX4-1515-8
K, Z, G
+24
80
–24
80
3.8
8.4 to 36
76
83
20IMX4-2424-8
Z, G
+24
80
–24
80
3.8
16.8 to 75
76
83
40IMX4-2424-8
Z, G
1
Flexible load distribution on double-outputs is possible.
Preferred for new designs.
Part Number Description
Input voltage range Vi
20 IMX4 - 05 05 -8 K Z G
4.7 to 16.8 VDC ........................................... 5
8.4 to 36 VDC ............................................ 20
16.8 to 75 VDC .......................................... 40
40 to 121 VDC ........................................... 70
Series ......................................................................... IMX4
Output voltage of output 1 ...................... 03, 05, 12, 15, 24
Output voltage of output 2 ............................ 05, 12, 15, 24
Operating ambient temperature range –40 to 85 °C ...... -8
Options:
Alternative pinout ......................................... K
Open frame .................................................. Z
RoHS compliant for all six substances ......... G
Note: The sequence of options must follow the order above. This part number description is descriptive only; it is not inteded for
creating part numbers.
Example:
40IMX4-0505-8KG: DC-DC converter, input voltage range 16.8 to 75 V, 2 outputs providing ± 5 V, 350 mA,
temperature range – 40 to 85 °C, alternative pinout, RoHS-compliant for all si x substances


Similar Part No. - 20IMX4-0512-8KZG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-05-8 BEL-20IMX4-05-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
20IMX4-05-9 POWER-ONE-20IMX4-05-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-0505-8 BEL-20IMX4-0505-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
More results

Similar Description - 20IMX4-0512-8KZG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com