Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2130PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR2130PBF
Description  3-PHASE BRIDGE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130PBF Datasheet(HTML) 2 Page - International Rectifier

  IR2130PBF Datasheet HTML 1Page - International Rectifier IR2130PBF Datasheet HTML 2Page - International Rectifier IR2130PBF Datasheet HTML 3Page - International Rectifier IR2130PBF Datasheet HTML 4Page - International Rectifier IR2130PBF Datasheet HTML 5Page - International Rectifier IR2130PBF Datasheet HTML 6Page - International Rectifier IR2130PBF Datasheet HTML 7Page - International Rectifier IR2130PBF Datasheet HTML 8Page - International Rectifier IR2130PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
2
www.irf.com
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High Side Floating Supply Voltage
-0.3
625
VS1,2,3
High Side Floating Offset Voltage
VB1,2,3 - 25
VB1,2,3 + 0.3
VHO1,2,3
High Side Floating Output Voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low Side and Logic Fixed Supply Voltage
-0.3
25
VSS
Logic Ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low Side Output Voltage
-0.3
VCC + 0.3
VIN
Logic Input Voltage (HIN1,2,3 , LIN1,2,3 & ITRIP)
VSS - 0.3
(VSS + 15) or
(VCC + 0.3)
whichever is
lower
VFLT
FAULT Output Voltage
VSS - 0.3
VCC + 0.3
VCAO
Operational Amplifier Output Voltage
VSS - 0.3
VCC + 0.3
VCA-
Operational Amplifier Inverting Input Voltage
VSS - 0.3
VCC + 0.3
dVS/dt
Allowable Offset Supply Voltage Transient
50
V/ns
PD
Package Power Dissipation @ TA
≤ +25°C
(28 Lead DIP)
1.5
(28 Lead SOIC)
1.6
W
(44 Lead PLCC)
2.0
RthJA
Thermal Resistance, Junction to Ambient
(28 Lead DIP)
83
(28 Lead SOIC)
78
°C/W
(44 Lead PLCC)
63
TJ
Junction Temperature
150
TS
Storage Temperature
-55
150
TL
Lead Temperature (Soldering, 10 seconds)
300
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to VS0. The Thermal Resistance and Power Dissipation ratings are measured
under board mounted and still air conditions. Additional information is shown in Figures 50 through 53.
Note 1: Logic operational for VS of (VS0 - 5V) to (VS0 + 600V). Logic state held for VS of (VS0 - 5V) to (VS0 - VBS).
(Please refer to the Design Tip DT97-3 for more details).
Note 2: All input pins, CA- and CAO pins are internally clamped with a 5.2V zener diode.
V
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High Side Floating Supply Voltage
VS1,2,3 + 10
VS1,2,3 + 20
VS1,2,3
High Side Floating Offset Voltage
Note 1
600
VHO1,2,3
High Side Floating Output Voltage
VS1,2,3
VB1,2,3
VCC
Low Side and Logic Fixed Supply Voltage
10
20
VSS
Logic Ground
-5
5
VLO1,2,3
Low Side Output Voltage
0
VCC
VIN
Logic Input Voltage (HIN1,2,3 , LIN1,2,3 & ITRIP)
VSS
VSS + 5
VFLT
FAULT Output Voltage
VSS
VCC
VCAO
Operational Amplifier Output Voltage
VSS
VSS + 5
VCA-
Operational Amplifier Inverting Input Voltage
VSS
VSS + 5
TA
Ambient Temperature
-40
125
°C
V
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute voltages referenced to VS0. The VS offset rating is tested
with all supplies biased at 15V differential. Typical ratings at other bias conditions are shown in Figure 54.
°C


Similar Part No. - IR2130PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2130 INFINEON-IR2130 Datasheet
306Kb / 26P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60019 Rev.P
logo
International Rectifier
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2130D IRF-IR2130D Datasheet
170Kb / 21P
   3-PHASE DRIVER
More results

Similar Description - IR2130PBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com