Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL523A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HAL523A
Description  Hall Effect Sensor Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL523A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HAL523A Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 13Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 14Page - List of Unclassifed Manufacturers HAL523A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
HAL5xx
11
Micronas
0
1
2
3
4
5
–50
0
50
100
150
200
°C
mA
TA
IDD
VDD = 3.8 V
VDD = 12 V
VDD = 24 V
HAL 5xx
Fig. 3–6: Typical supply current
versus ambient temperature
0
10
20
30
40
50
60
70
80
90
100
–50
0
50
100
150
200
°C
kHz
TA
fosc
VDD = 3.8 V
VDD = 4.5 V...24 V
HAL 5xx
Fig. 3–7: Typ. internal chopper frequency
versus ambient temperature
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30 V
kHz
VDD
fosc
TA = –40 °C
TA = 25 °C
TA = 170 °C
HAL 5xx
Fig. 3–8: Typ. Internal chopper frequency
versus supply voltage
0
10
20
30
40
50
60
70
80
90
100
3
3.5
4.0
4.5
5.0
5.5
6.0 V
kHz
VDD
fosc
TA = –40 °C
TA = 25 °C
TA = 170 °C
HAL 5xx
Fig. 3–9: Typ. internal chopper frequency
versus supply voltage


Similar Part No. - HAL523A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL523 MICRONAS-HAL523 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL523 MICRONAS-HAL523 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL523SF-A MICRONAS-HAL523SF-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL523SF-K MICRONAS-HAL523SF-K Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL523UA-A MICRONAS-HAL523UA-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
More results

Similar Description - HAL523A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com