Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVCC4245AQ Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74LVCC4245AQ
Description  CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCC4245AQ Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74LVCC4245AQ Datasheet HTML 1Page - Integrated Device Technology IDT74LVCC4245AQ Datasheet HTML 2Page - Integrated Device Technology IDT74LVCC4245AQ Datasheet HTML 3Page - Integrated Device Technology IDT74LVCC4245AQ Datasheet HTML 4Page - Integrated Device Technology IDT74LVCC4245AQ Datasheet HTML 5Page - Integrated Device Technology IDT74LVCC4245AQ Datasheet HTML 6Page - Integrated Device Technology IDT74LVCC4245AQ Datasheet HTML 7Page - Integrated Device Technology IDT74LVCC4245AQ Datasheet HTML 8Page - Integrated Device Technology IDT74LVCC4245AQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCC4245A
CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER
5
SWITCHING CHARACTERISTICS(1)
VCCA = 5V ± 0.5V
VCCB = 5V ± 0.5V
VCCB = 2.7V to 3.6V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1
7.1
1
7
ns
tPHL
Ax to Bx
1
6
1
7
tPLH
PropagationDelay
1
6.8
1
6.2
ns
tPHL
Bx to Ax
1
6.1
1
5.3
tPZL
OutputEnableTime
1
8.2
1
10
ns
tPZH
OE to Bx
1
8.1
1
10.2
tPZL
OutputEnableTime
1
9
1
9
ns
tPZH
OE to Ax
1
8.3
1
8
tPLZ
OutputDisableTime
1
4.7
1
5.2
ns
tPHZ
OE to Ax
1
4.9
1
5.2
tPLZ
OutputDisableTime
1
5.4
1
5.4
ns
tPHZ
OE to Bx
1
6.3
1
7.4
NOTE:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.


Similar Part No. - IDT74LVCC4245AQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCC3245A IDT-IDT74LVCC3245A Datasheet
121Kb / 11P
   CMOS OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCC3245APG IDT-IDT74LVCC3245APG Datasheet
121Kb / 11P
   CMOS OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCC3245APGG IDT-IDT74LVCC3245APGG Datasheet
121Kb / 11P
   CMOS OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCC3245APY IDT-IDT74LVCC3245APY Datasheet
121Kb / 11P
   CMOS OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCC3245AQ IDT-IDT74LVCC3245AQ Datasheet
121Kb / 11P
   CMOS OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74LVCC4245AQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245ADBR TI-SN74LVCC4245ADBR Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC4245A RENESAS-HD74LVCC4245A_15 Datasheet
117Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A Datasheet
111Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A_05 Datasheet
95Kb / 9P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
logo
Integrated Device Techn...
IDT74LVC245A IDT-IDT74LVC245A Datasheet
73Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR2245A IDT-IDT74LVCR2245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2245A IDT-IDT74LVC2245A Datasheet
68Kb / 7P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com