Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCC4245 Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. IDT74LVCC4245
Description  CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCC4245 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT74LVCC4245 Datasheet HTML 2Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 3Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 4Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 5Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 6Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 7Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 8Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 9Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVCC4245A
CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER
tPLZ
tPZH
tPHZ
0V
VOL+0.3V
VOH
tPZL
VOL
VOH-0.3V
1.5V
3V
0V
1.5V
Output
Control
1.5V
3V
1.5V
Output
Waveform 1
S1 at 6V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
6V
GND
Open
CL = 50pF
(see Note A)
From Output
Under Test
S1
500
500
1.5V
3V
0V
1.5V
Input
tW
1.5V
3V
0V
1.5V
Input
tPHL
tPLH
Output
VOH
VOL
1.5V
1.5V
LOAD CIRCUIT AND VOLTAGE WAVEFORMS
PARAMETER MEASUREMENT INFORMATION FOR A TO B
Load Circuit
Voltage Waveforms Pulse Duration
Voltage Waveforms Propagation Delay Times
Noninverting Outputs
Voltage Waveforms Enable and Disable Times
Low- and High-Level Enabling
NOTES:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is LOW except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is HIGH except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10MHz; Zo = 50Ω; tF ≤ 2.5ns; tR ≤ 2.5ns.
D. The outputs are measured one at a time with one transition per measurement.
TEST CONDITIONS
TEST
S1
tPLH / tPHL
Open
tPLZ / tPZL
6V
tPHZ / tPZH
GND
VCCA = 4.5V to 5.5V and VCCB = 2.7V to 3.6V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn