Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCC4245 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT74LVCC4245
Description  CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCC4245 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74LVCC4245 Datasheet HTML 1Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 2Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 3Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 4Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 5Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 6Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 7Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 8Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCC4245A
CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER
5
SWITCHING CHARACTERISTICS(1)
VCCA = 5V ± 0.5V
VCCB = 5V ± 0.5V
VCCB = 2.7V to 3.6V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1
7.1
1
7
ns
tPHL
Ax to Bx
1
6
1
7
tPLH
PropagationDelay
1
6.8
1
6.2
ns
tPHL
Bx to Ax
1
6.1
1
5.3
tPZL
OutputEnableTime
1
8.2
1
10
ns
tPZH
OE to Bx
1
8.1
1
10.2
tPZL
OutputEnableTime
1
9
1
9
ns
tPZH
OE to Ax
1
8.3
1
8
tPLZ
OutputDisableTime
1
4.7
1
5.2
ns
tPHZ
OE to Ax
1
4.9
1
5.2
tPLZ
OutputDisableTime
1
5.4
1
5.4
ns
tPHZ
OE to Bx
1
6.3
1
7.4
NOTE:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN74LVCC4245A OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVCC4245ADBR OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
HD74LVCC4245A Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs 1  2  3  4  5  More Renesas Technology Corp
SN74LVCC3245A OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
IDT74LVC2245A 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
SN74AVC1T45 SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVC24T245 24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVC8T245 8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCH4T245 4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
74LCX245 LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn