Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCC4245 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT74LVCC4245
Description  CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCC4245 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74LVCC4245 Datasheet HTML 1Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 2Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 3Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 4Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 5Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 6Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 7Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 8Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCC4245A
CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (A PORT)
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C, VCCA = 4.5V to 5.5V(1)
NOTES:
1. VCCB = 2.7V to 5.5V unless otherwise noted.
2. Typical values are at VCCA = 5V, +25°C ambient.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (B PORT)
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C, VCCB = 2.7V to 5.5V(1)
NOTES:
1. VCCA = 4.5V to 5.5V unless otherwise noted.
2. Typical values are at VCCB = 3.3V, +25°C ambient.
Symbol
Parameter
Test Conditions
Min.
Typ.(2)
Max.
Unit
VCCA = 4.5V, VCCB = 2.7V
VOB
≤ 0.1V or
2
VIH
Input HIGH Voltage Level
VCCA = 4.5V, VCCB = 3.6V
VOB
≥ VCCB – 0.1V
2
V
VCCA = 5.5V, VCCB = 5.5V
2
VCCA = 4.5V, VCCB = 2.7V
0.8
VIL
Input LOW Voltage Level
VCCA = 4.5V, VCCB = 3.6V
0.8
V
VCCA = 5.5V, VCCB = 5.5V
0.8
IIH
InputLeakageCurrent
VCCA = 5.5V
VI = 0 to 5.5V
±1
µA
IIL
(ControlInputs)
VCCB = 3.6V or 5.5V
IOZH
High Impedance Output Current
VCCA = 5.5V
VO = 0 to 5.5V
±5
µA
IOZL
(3-StateOutputpins)
VCCB = 3.6V
VH
Input Hysteresis
VCCA = 5.0V
100
mV
ICCL
Quiescent Power Supply Current
VCCA = 5.5V
VIN = GND or VCCA
——
80
µA
ICCH
VCCB = 3.6V or 5.5V
IOB = 0
∆ICC
Quiescent Power Supply Current Variation
One input at 3.4V, other inputs at VCCA or GND
1.5
mA
Symbol
Parameter
Test Conditions
Min.
Typ.(2)
Max.
Unit
VCCB = 2.7V, VCCA = 4.5V
VOA
≤ 0.1V or
2
VIH
Input HIGH Voltage Level
VCCB = 3.6V, VCCA = 4.5V
VOA
≥ VCCA – 0.1V
2
V
VCCB = 5.5V, VCCA = 5.5V
3.85
VCCB = 2.7V, VCCA = 4.5V
0.8
VIL
Input LOW Voltage Level
VCCB = 3.6V, VCCA = 4.5V
0.8
V
VCCB = 5.5V, VCCA = 5.5V
1.65
IOZH
High Impedance Output Current
VCCB = 3.6V
VO = 0 to 5.5V
±5
µA
IOZL
(3-StateOutputpins)
VCCA = 5.5V
VH
Input Hysteresis
VCCB = 3.3V
100
mV
ICCL
Quiescent Power Supply Current
VCCB = 3.6V or 5.5V
VIN = GND or VCCB
——
80
µA
ICCH
VCCA = 5.5V
IOA = 0
∆ICC
Quiescent Power Supply Current Variation
One input at VCCB - 0.6V, other inputs at VCCB or GND
500
µA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN74LVCC4245A OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVCC4245ADBR OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
HD74LVCC4245A Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs 1  2  3  4  5  More Renesas Technology Corp
SN74LVCC3245A OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
IDT74LVC2245A 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
SN74AVC1T45 SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVC24T245 24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVC8T245 8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCH4T245 4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
74LCX245 LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn