Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCC4245 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT74LVCC4245
Description  CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCC4245 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74LVCC4245 Datasheet HTML 1Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 2Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 3Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 4Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 5Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 6Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 7Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 8Page - Integrated Device Technology IDT74LVCC4245 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVCC4245A
CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER
PIN CONFIGURATION
SSOP/ QSOP/ TSSOP
TOP VIEW
Pin Names
Description
OE
Output Enable Input (Active LOW)
DIR
Direction Control Input
A x
Port A Inputs or 3-State Outputs
B x
Port B Inputs or 3-State Outputs
N C
No Internal Connection
PIN DESCRIPTION
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Inputs
OE
DIR
Outputs
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z state
FUNCTION TABLE(1)
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ. Max. Unit
CIN
Input Capacitance
VIN = 0V
5
pF
CI/O
I/O Port Capacitance
VIN = 0V
11
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
ABSOLUTE MAXIMUM RATINGS
FOR VCCB OR VCCB(1)
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +6
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2
3
1
A1
20
19
18
B4
B3
B5
B1
B2
15
B7
B8
16
9
GND
10
A8
B6
23
22
24
21
17
DIR
5
6
A6
7
A4
A5
4
A2
A3
8
A7
OE
13
14
11
GND
12
VCCB (3V to 5V)
NC
GND
(5V) VCCA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn