Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT72V81 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT72V81
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V81 Datasheet(HTML) 1 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
1999
Integrated Device Technology, Inc.
DSC-3966/-
©
August 1999
IDT72V81
IDT72V82
IDT72V83
IDT72V84
IDT72V85
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
DUAL 512 x 9, DUAL 1,024 x 9
DUAL 2,048 x 9, DUAL 4,096 X 9
DUAL 8,192 X 9
FEATURES:
The IDT72V81 is equivalent to two IDT72V01 - 512 x 9 FIFOs
The IDT72V82 is equivalent to two IDT72V02 - 1,024 x 9 FIFOs
The IDT72V83 is equivalent to two IDT72V03 - 2,048 x 9 FIFOs
The IDT72V84 is equivalent to two IDT72V04 - 4,096 x 9 FIFOs
The IDT72V85 is equivalent to two IDT72V05 - 8,192 x 9 FIFOs
Low power consumption
— Active: 330 mW (max.)
— Power-down: 18 mW (max.)
Ultra high speed—15 ns access time
Asynchronous and simultaneous read and write
Offers optimal combination of data capacity, small foot print
and functional flexibility
Ideal for bidirectional, width expansion, depth expansion, bus-
matching, and data sorting applications
Status Flags: Empty, Half-Full, Full
Auto-retransmit capability
High-performance CEMOS™ technology
Space-saving TSSOP package
Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
DESCRIPTION:
TheIDT72V81/72V82/72V83/72V84/72V85aredual-FIFOmemoriesthat
loadandemptydataonafirst-in/first-outbasis.Thesedevicesarefunctionaland
compatible to two IDT72V01/72V02/72V03/72V04/72V05 FIFOs in a single
package with all associated control, data, and flag lines assigned to separate
pins. The devices use Full and Empty flags to prevent data overflow and
underflowandexpansionlogictoallowforunlimitedexpansioncapabilityinboth
word size and depth.
The reads and writes are internally sequential through the use of ring
pointers, with no address information required to load and unload data. Data
is toggled in and out of the devices through the use of the Write (
W) and Read
(
R) pins.
The devices utilize a 9-bit wide data array to allow for control and parity
bitsattheuser’soption.Thisfeatureis especiallyusefulindatacommunications
applications where it is necessary to use a parity bit for transmission/reception
errorchecking.ItalsofeaturesaRetransmit(
RT)capabilitythatallowsforreset
of the read pointer to its initial position when
RT is pulsed low to allow for
retransmission from the beginning of data. A Half-Full Flag is available in the
single device mode and width expansion modes.
These FIFOs are fabricated using IDT’s high-speed CMOS technology.
They are designed for those applications requiring asynchronous and simul-
taneous read/writes in multiprocessing and rate buffer applications.
FUNCTIONAL BLOCK DIAGRAM
WA
WRITE
CONTROL
READ
CONTROL
RA
FLAG
LOGIC
EXPANSION
LOGIC
XIA
WRITE
POINTER
RAM
ARRAY A
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSA
FLA/RTA
XOA/HFA
FFA
EFA
WB
WRITE
CONTROL
READ
CONTROL
RB
FLAG
LOGIC
EXPANSION
LOGIC
XIB
WRITE
POINTER
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSB
FLB/RTB
3966 drw 01
XOB/HFB
FFB
EFB
(DA0-DA8)
(QA0-QA8)
(QB0-QB8)
(DB0-DB8)
RAM
ARRAY A
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn