Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT72V81 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT72V81
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V81 Datasheet(HTML) 4 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Commercial Temperature Range
IDT72V81/72V82/72V83/72V84/72V85
Single Device Mode, this pin acts as the retransmit input. The Single Device
Mode is initiated by grounding the Expansion In (
XI).
The IDT72V81/72V82/72V83/72V84/72V85 can be made to retransmit
data when the Retransmit Enable control (
RT)inputispulsedlow. Aretransmit
operation will set the internal read pointer to the first location and will not affect
the write pointer. Read Enable (
R) and Write Enable (W) must be in the high
stateduringretransmitfortheIDT72V81/72V82/72V83/72V84/72V85respec-
tively.Thisfeatureisusefulwhenlessthan512/1,024/2,048/4,096/8,192writes
areperformedbetweenresets.Theretransmitfeatureisnotcompatiblewiththe
Depth Expansion Mode and will affect the Half-Full Flag (
HF), depending on
the relative locations of the read and write pointers.
EXPANSION IN (
XI
XI
XI
XI
XI )
This input is a dual-purpose pin. Expansion In (
XI)isgroundedtoindicate
an operation in the single device mode. Expansion In (
XI) is connected to
Expansion Out (
XO) of the previous device in the Depth Expansion or Daisy
Chain Mode.
OUTPUTS:
FULL FLAG (
FF
FF
FF
FF
FF )
The Full Flag (
FF)willgolow,inhibitingfurtherwriteoperation,whenthewrite
pointer is one location less than the read pointer, indicating that the device is full.
If the read pointer is not moved after Reset (
RS), the Full-Flag (FF) will go low
after 512 writes for the IDT72V81, 1,024 writes for the IDT72V82, 2,048 writes
for the IDT72V83, 4,096 writes for the IDT72V84 and 8,192 writes for the
IDT72V85.
EMPTY FLAG (
EF
EF
EF
EF
EF )
The Empty Flag (
EF) will go low, inhibiting further read operations, when
the read pointer is equal to the write pointer, indicating that the device is
empty.
EXPANSION OUT/HALF-FULL FLAG (
XO
XO
XO
XO
XO/HF
HF
HF
HF
HF )
This is a dual-purpose output. In the single device mode, when Expan-
sion In (
XI)isgrounded,thisoutputactsasanindicationofahalf-fullmemory.
After half of the memory is filled and at the falling edge of the next write
operation, the Half-Full Flag (
HF) will be set low and will remain set until the
difference between the write pointer and read pointer is less than or equal
toonehalfofthetotalmemoryofthedevice.TheHalf-FullFlag(
HF)isthenreset
by using rising edge of the read operation.
IntheDepthExpansionMode,ExpansionIn(
XI)isconnectedtoExpansion
Out (
XO) of the previous device in the Daisy Chain by providing a pulse to the
next device when the previous device reaches the last location of memory.
DATA OUTPUTS ( Q0 – Q8 )
Data outputs for 9-bit wide data. This data is in a high impedance
condition whenever Read (
R) is in a high state.
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 – D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (
RS
RS
RS
RS
RS )
ResetisaccomplishedwhenevertheReset(
RS)inputistakentoalowstate.
During reset, both internal read and write pointers are set to the first location.
A reset is required after power up before a write operation can take place.Both
the Read Enable (
R
R
R
R
R) and Write Enable ( W
W
W
W
W ) inputs must be in the high
state during the window shown in Figure 2, (i.e., tRSS before the rising
edge of
RS
RS
RS
RS
RS ) and should not change until tRSR after the rising edge of
RS
RS
RS
RS
RS. Half-Full Flag ( HF
HF
HF
HF
HF ) will be reset to high after Reset ( RS
RS
RS
RS
RS ).
WRITE ENABLE (
W
W
W
W
W )
A write cycle is initiated on the falling edge of this input if the Full Flag (
FF)
isnotset.Dataset-upandholdtimesmustbeadheredtowithrespecttotherising
edge of the Write Enable (
W).DataisstoredintheRAMarraysequentiallyand
independently of any on-going read operation.
After half of the memory is filled and at the falling edge of the next write
operation, the Half-Full Flag (
HF) will be set to low and will remain set until the
difference between the write pointer and read pointer is less than or equal to
one half of the total memory of the device. The Half-Full Flag (
HF)isthenreset
by the rising edge of the read operation.
Topreventdataoverflow,theFullFlag(
FF)willgolow,inhibitingfurtherwrite
operations. Upon the completion of a valid read operation, the Full Flag (
FF)
will go high after tRFF, allowing a valid write to begin. When the FIFO is full, the
internal write pointer is blocked from
W,soexternalchangesin Wwillnotaffect
the FIFO when it is full.
READ ENABLE (
R
R
R
R
R )
A read cycle is initiated on the falling edge of the Read Enable (
R)provided
theEmptyFlag(
EF)isnotset.ThedataisaccessedonaFirst-In/First-Outbasis,
independentofanyongoingwriteoperations.AfterReadEnable(
R)goeshigh,
the Data Outputs (Q0 – Q8) will return to a high impedance condition until the
next Read operation. When all data has been read from the FIFO, the Empty
Flag (
EF) will go low, allowing the “final” read cycle but inhibiting further read
operations with the data outputs remaining in a high impedance state. Once a
valid write operation has been accomplished, the Empty Flag (
EF)willgohigh
aftertWEFandavalidReadcanthenbegin.WhentheFIFOisempty,theinternal
read pointer is blocked from
Rsoexternalchangesin RwillnotaffecttheFIFO
when it is empty.
FIRST LOAD/RETRANSMIT (
FL
FL
FL
FL
FL/RT
RT
RT
RT
RT )
This is a dual-purpose input. In the Depth Expansion Mode, this pin is
grounded to indicate that it is the first loaded (see Operating Modes). In the


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn