Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL507K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HAL507K
Description  Hall Effect Sensor Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL507K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HAL507K Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL507K Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL507K Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL507K Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL507K Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL507K Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL507K Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL507K Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL507K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
HAL5xx
5
Micronas
2. Functional Description
The HAL 5xx sensors are monolithic integrated circuits
which switch in response to magnetic fields. If a
magnetic field with flux lines perpendicular to the
sensitive area is applied to the sensor, the biased Hall
plate forces a Hall voltage proportional to this field. The
Hall voltage is compared with the actual threshold level
in the comparator. The temperature-dependent bias
increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induction
of magnets at higher temperatures. If the magnetic field
exceeds the threshold levels, the open drain output
switches to the appropriate state. The built-in hysteresis
eliminates oscillation and provides switching behavior of
output without bouncing.
Magnetic offset caused by mechanical stress is com-
pensated for by using the “switching offset compensa-
tion technique”. Therefore, an internal oscillator pro-
vides a two phase clock. The Hall voltage is sampled at
the end of the first phase. At the end of the second
phase, both sampled and actual Hall voltages are aver-
aged and compared with the actual switching point. Sub-
sequently, the open drain output switches to the ap-
propriate state. The time from crossing the magnetic
switching level to switching of output can vary between
zero and 1/fosc.
Shunt protection devices clamp voltage peaks at the
Output-Pin and VDD-Pin together with external series
resistors. Reverse current is limited at the VDD-Pin by an
internal series resistor up to –15 V. No external reverse
protection diode is needed at the VDD-Pin for reverse
voltages ranging from 0 V to –15 V.
Fig. 2–1: HAL 5xx block diagram
HAL 5xx
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Clock
Hall Plate
GND
2
HAL 5xx
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection
t
VOL
VOUT
1/fosc = 16 µs
Fig. 2–2: Timing diagram
VOH
B
BON
fosc
t
t
tf
t
IDD
t


Similar Part No. - HAL507K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL507 MICRONAS-HAL507 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL507SF-A MICRONAS-HAL507SF-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL507SF-K MICRONAS-HAL507SF-K Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL507UA-A MICRONAS-HAL507UA-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL507UA-K MICRONAS-HAL507UA-K Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
More results

Similar Description - HAL507K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com