Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9248BCPZRL-40 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9248BCPZRL-40
Description  Dual A/D Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248BCPZRL-40 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9248BCPZRL-40 Datasheet HTML 2Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 3Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 4Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 5Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 6Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 7Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 8Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 9Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
AD9248
Rev. B | Page 5 of 48
AC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V external reference,
TMIN to TMAX, DCS Enabled, unless otherwise noted.
Table 2.
Test
AD9248BST/BCP-20
AD9248BST/BCP-40
AD9248BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 2.4 MHz
Full
V
73.4
73.1
72.8
dB
25°C
IV
73.1
73.7
72.8
73.4
72.3
73.1
dB
fINPUT = 9.7 MHz
Full
V
72.9
dB
25°C
IV
72.4
73.1
dB
fINPUT = 19.6 MHz
Full
V
72.7
dB
25°C
IV
72.3
72.9
dB
fINPUT = 35 MHz
Full
V
71.5
dB
25°C
IV
71.2
71.6
dB
fINPUT = 100 MHz
25°C
V
70
69.5
69.0
dB
SIGNAL-TO-NOISE AND DISTORTION
RATIO (SINAD)
fINPUT = 2.4 MHz
Full
V
73.0
72.8
72.5
dB
25°C
IV
72.2
73.2
72.0
73.0
71.7
72.7
dB
fINPUT = 9.7 MHz
Full
V
72.0
dB
25°C
IV
70.9
72.2
dB
fINPUT = 19.6 MHz
Full
V
72.1
dB
25°C
IV
71.0
72.3
dB
fINPUT = 35 MHz
Full
V
70.9
dB
25°C
IV
70.0
71.0
dB
fINPUT = 100 MHz
25°C
V
69.5
69.0
68.5
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fINPUT = 2.4 MHz
Full
V
11.8
11.8
11.8
Bits
25°C
IV
11.7
11.8
11.7
11.8
11.6
11.8
Bits
fINPUT = 9.7 MHz
Full
V
11.7
Bits
25°C
IV
11.5
11.7
Bits
fINPUT = 19.6 MHz
Full
V
11.7
Bits
25°C
IV
11.5
11.7
Bits
fINPUT = 35 MHz
Full
V
11.5
Bits
25°C
IV
11.3
11.5
Bits
fINPUT = 100 MHz
25°C
V
11.3
11.2
11.2
Bits
WORST HARMONIC (SECOND or THIRD)
fINPUT = 2.4 MHz
Full
V
86.0
85.0
84.0
dBc
25°C
IV
77.5
87.5
77.5
86.0
77.5
86.0
dBc
fINPUT = 9.7 MHz
Full
V
83.0
dBc
25°C
I
76.1
84.0
dBc
fINPUT = 19.6 MHz
Full
V
83.0
dBc
25°C
I
76.0
84.0
dBc
fINPUT = 35 MHz
Full
V
80.0
dBc
25°C
I
73.0
80.5
dBc


Similar Part No. - AD9248BCPZRL-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BCPZRL-40 AD-AD9248BCPZRL-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

Similar Description - AD9248BCPZRL-40

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
AD9238 AD-AD9238_17 Datasheet
1Mb / 49P
   Dual A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
   High Resolution, Dual Slope A/D Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com