Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9246-105EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9246-105EB
Description  1.8 V Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246-105EB Datasheet(HTML) 5 Page - Analog Devices

  AD9246-105EB Datasheet HTML 1Page - Analog Devices AD9246-105EB Datasheet HTML 2Page - Analog Devices AD9246-105EB Datasheet HTML 3Page - Analog Devices AD9246-105EB Datasheet HTML 4Page - Analog Devices AD9246-105EB Datasheet HTML 5Page - Analog Devices AD9246-105EB Datasheet HTML 6Page - Analog Devices AD9246-105EB Datasheet HTML 7Page - Analog Devices AD9246-105EB Datasheet HTML 8Page - Analog Devices AD9246-105EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD9246
Rev. A | Page 4 of 44
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, DCS
enabled, unless otherwise noted.
Table 1.
AD9246BCPZ-80
AD9246BCPZ-105
AD9246BCPZ-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
14
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.3
±0.5
±0.3
±0.8
±0.3
±0.8
% FSR
Gain Error
Full
±0.6
±4.7
±0.6
±5.0
±0.6
±4.2
% FSR
Differential Nonlinearity (DNL)1
Full
±1.0
±1.0
±1.0
LSB
25°C
±0.4
±0.4
±0.4
LSB
Integral Nonlinearity (INL)1
Full
±5.0
±5.0
±5.0
LSB
25°C
±1.5
±1.3
±1.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
±15
±15
±15
ppm/°C
Gain Error
Full
±95
±95
±95
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
±5
±20
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
7
7
7
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
1.3
1.3
1.3
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
2
V p-p
Input Capacitance2
Full
8
8
8
pF
REFERENCE INPUT RESISTANCE
Full
6
6
6
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
2.5
3.6
1.7
2.5
3.6
1.7
2.5
3.6
V
Supply Current
IAVDD1
Full
138
155
178
194
220
236
mA
IDRVDD1 (DRVDD = 1.8 V)
Full
7
9
11
mA
IDRVDD1 (DRVDD = 3.3 V)
Full
12
16
19
mA
POWER CONSUMPTION
DC Input
Full
248
279
320
350
395
425
mW
Sine Wave Input1 (DRVDD = 1.8 V)
Full
261
337
415
mW
Sine Wave Input1 (DRVDD = 3.3 V)
Full
288
373
458
mW
Standby Power3
Full
40
40
40
mW
Power-Down Power
Full
1.8
1.8
1.8
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 4 for the equivalent analog input structure.
3 Standby power is measured with a dc input, the CLK pin inactive (set to AVDD or AGND).


Similar Part No. - AD9246-105EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9246-105EB AD-AD9246-105EB Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246-105EB AD-AD9246-105EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9246-105EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com