Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9287ABCPZ-100 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9287ABCPZ-100
Description  Serial LVDS 1.8 V ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9287ABCPZ-100 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9287ABCPZ-100 Datasheet HTML 2Page - Analog Devices AD9287ABCPZ-100 Datasheet HTML 3Page - Analog Devices AD9287ABCPZ-100 Datasheet HTML 4Page - Analog Devices AD9287ABCPZ-100 Datasheet HTML 5Page - Analog Devices AD9287ABCPZ-100 Datasheet HTML 6Page - Analog Devices AD9287ABCPZ-100 Datasheet HTML 7Page - Analog Devices AD9287ABCPZ-100 Datasheet HTML 8Page - Analog Devices AD9287ABCPZ-100 Datasheet HTML 9Page - Analog Devices AD9287ABCPZ-100 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Data Sheet
AD9287
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 2.
Parameter1
Temp
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
49.2
dB
fIN = 49.7 MHz
Full
46.5
49.0
dB
fIN = 70 MHz
Full
49.0
dB
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 2.4 MHz
Full
49.0
dB
fIN = 49.7 MHz
Full
46.0
48.5
dB
fIN = 70 MHz
Full
48.5
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
7.88
Bits
fIN = 49.7 MHz
Full
7.43
7.85
Bits
fIN = 70 MHz
Full
7.85
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
70.0
dBc
fIN = 49.7 MHz
Full
54.0
65.0
dBc
fIN = 70 MHz
Full
62.0
dBc
WORST HARMONIC (Second or Third)
fIN = 2.4 MHz
Full
−70.0
dBc
fIN = 49.7 MHz
Full
−65.0
−54.0
dBc
fIN = 70 MHz
Full
−62.0
dBc
WORST OTHER (Excluding Second or Third)
fIN = 2.4 MHz
Full
−77.0
dBc
fIN = 49.7 MHz
Full
−74.0
−58.5
dBc
fIN = 70 MHz
Full
−71.0
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—
AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 15 MHz, fIN2 = 16 MHz
25°C
70.0
dBc
fIN1 = 70 MHz, fIN2 = 71 MHz
25°C
68.5
dBc
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, at www.analog.com for definitions and for details on how these tests were
completed.
Rev. F | Page 5 of 51


Similar Part No. - AD9287ABCPZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287-100EB AD-AD9287-100EB Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287-100EB1 AD-AD9287-100EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9287BCPZ-100 AD-AD9287BCPZ-100 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287BCPZRL-100 AD-AD9287BCPZRL-100 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results

Similar Description - AD9287ABCPZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com