Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9246BCPZ-105 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9246BCPZ-105
Description  1.8 V Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246BCPZ-105 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9246BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9246BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9246BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9246BCPZ-105 Datasheet HTML 9Page - Analog Devices AD9246BCPZ-105 Datasheet HTML 10Page - Analog Devices AD9246BCPZ-105 Datasheet HTML 11Page - Analog Devices AD9246BCPZ-105 Datasheet HTML 12Page - Analog Devices AD9246BCPZ-105 Datasheet HTML 13Page - Analog Devices AD9246BCPZ-105 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
AD9246
Rev. A | Page 9 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
D2
D3
D4
D5
D6
D7
DRGND
DRVDD
D8
D9
D10
D11
RBIAS
CML
AVDD
AGND
VIN–
VIN+
AGND
REFT
REFB
VREF
SENSE
35
PDWN
36
34
33
32
31
30
29
28
27
26
25
AD9246
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. Pin Configuration
Table 7. Pin Function Description
Pin No.
Mnemonic
Description
0, 21, 23, 29, 32,
37, 41
AGND
Analog Ground. (Pin 0 is the exposed thermal pad on the bottom of the package.)
45, 46, 1 to 6,
9 to 14
D0 (LSB) to D13 (MSB)
Data Output Bits.
7, 16, 47
DRGND
Digital Output Ground.
8, 17, 48
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
15
OR
Out-of-Range Indicator.
18
SDIO/DCS
Serial Port Interface (SPI)® Data Input/Output (Serial Port Mode); Duty Cycle Stabilizer Select
(External Pin Mode). See Table 10.
19
SCLK/DFS
Serial Port Interface Clock (Serial Port Mode); Data Format Select Pin (External Pin Mode).
20
CSB
Serial Port Interface Chip Select (Active Low). See Table 10.
22, 24, 33, 40, 42
AVDD
Analog Power Supply.
25
SENSE
Reference Mode Selection. See Table 9.
26
VREF
Voltage Reference Input/Output.
27
REFB
Differential Reference (−).
28
REFT
Differential Reference (+).
30
VIN+
Analog Input Pin (+).
31
VIN–
Analog Input Pin (−).
34
CML
Common-Mode Level Bias Output.
35
RBIAS
External Bias Resistor Connection. A 10 kΩ resistor must be connected between this pin and
analog ground (AGND).
36
PDWN
Power-Down Function Select.
38
CLK+
Clock Input (+).
39
CLK–
Clock Input (−).
43
OEB
Output Enable (Active Low).
44
DCO
Data Clock Output.


Similar Part No. - AD9246BCPZ-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9246BCPZ-105 AD-AD9246BCPZ-105 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results

Similar Description - AD9246BCPZ-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com