Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9233BCPZ-80 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9233BCPZ-80
Description  1.8 V Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233BCPZ-80 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9233BCPZ-80 Datasheet HTML 4Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 5Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 6Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 9Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 10Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 11Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
AD9233
Rev. A | Page 7 of 44
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 2.5 V, unless otherwise noted.
Table 4.
AD9233BCPZ-80
AD9233BCPZ-105
AD9233BCPZ-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Conversion Rate, DCS Enabled
Full
20
80
20
105
20
125
MSPS
Conversion Rate, DCS Disabled
Full
10
80
10
105
10
125
MSPS
CLK Period
Full
12.5
9.5
8
ns
CLK Pulse Width High, DCS Enabled
Full
3.75
6.25
8.75
2.85
4.75
6.65
2.4
4
5.6
ns
CLK Pulse Width High, DCS Disabled
Full
5.63
6.25
6.88
4.28
4.75
5.23
3.6
4
4.4
ns
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)2
Full
3.1
3.9
4.8
3.1
3.9
4.8
3.1
3.9
4.8
ns
DCO Propagation Delay (tDCO)
Full
4.4
4.4
4.4
ns
Setup Time (tS)
Full
4.9
5.7
3.4
4.3
2.6
3.5
ns
Hold Time (tH)
Full
5.9
6.8
4.4
5.3
3.7
4.5
ns
Pipeline Delay (Latency)
Full
12
12
12
cycles
Aperture Delay (tA)
Full
0.8
0.8
0.8
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
Wake-Up Time3
Full
350
350
350
ms
OUT-OF-RANGE RECOVERY TIME
Full
2
2
3
cycles
SERIAL PORT INTERFACE4
SCLK Period (tCLK)
Full
40
40
40
ns
SCLK Pulse Width High Time (tHI)
Full
16
16
16
ns
SCLK Pulse Width Low Time (tLO)
Full
16
16
16
ns
SDIO to SCLK Setup Time (tDS)
Full
5
5
5
ns
SDIO to SCLK Hold Time (tDH)
Full
2
2
2
ns
CSB to SCLK Setup Time (tS)
Full
5
5
5
ns
CSB to SCLK Hold Time (tH)
Full
2
2
2
ns
1 See AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Output propagation delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load.
3 Wake-up time is dependant on the value of the decoupling capacitors, values shown with 0.1 μF capacitor across REFT and REFB.
4 See Figure 57 and the Serial Port Interface (SPI) section.
TIMING DIAGRAM
CLK+
DCO
DATA
N
N+ 1
N+ 2
N+ 3
N+ 4
N+ 5
N+ 6
N+ 7
N+ 8
N – 12
N – 11
N – 10
N – 9
N – 8
N – 7
N – 6
N – 5
N – 4
N – 13
CLK–
tCLK
tPD
tS
tH
tDCO
tCLK
tA
Figure 2. Timing Diagram


Similar Part No. - AD9233BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233BCPZ-80 AD-AD9233BCPZ-80 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results

Similar Description - AD9233BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com