Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7805 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # L7805
Description  Voltage Regulator in a TO-220 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

L7805 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  L7805 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L7805
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Input voltage
VI
35
V
Operating Junction Temperature Range
TOPR
0~125
Storage temperature range
Tstg
-65~150

参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Output voltage
VO
Tj=25℃
4.8
5.0
5.2
V
Vi=7V-20V,
Io=5mA-1A Po≤15W
4.75
5.0
5.25
V
Load Regulation
Vo
Tj=25℃
Io=5mA-1.5A
100
mV
Tj=25℃
Io=250mA-750mA
50
mV
Line regulation
Vo
Tj=25℃
Vi=7V-25V
3.0
100
mV
Tj=25℃
Vi=8V-12V
1.0
50
mV
Quiescent Current
Id
Tj=25℃
8.0
mA
Quiescent Current Change
Id
Vi=7V-25V
0.8
mA
Io=5mA-1A
1.3
mA
Output Voltage Drift
Vo/T
Io=5mA
-1.1
mV/℃
Output Noise Voltage
eN
B=10Hz-100KHz
Tj=25℃
40
μV/Vo
Supply Voltage Rejection
SVR
Vi=8V-18V
f=120Hz
62
dB
Dropout Voltage
Vd
Io=1A
Tj=25℃
2.0
V
Output Resistance
Ro
f=1KHz
17
mΩ
Short Circuit Current
Isc
Vi=35V
Tj=25℃
0.75
A
Short Circuit Peak Current
Iscp
Tj=25℃
2.2
A
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - L7805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 52P
   Positive voltage regulators
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 56P
   Positive voltage regulators
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 56P
   Positive voltage regulators
More results

Similar Description - L7805

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
7809 FOSHAN-7809 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7810 FOSHAN-7810 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7805 FOSHAN-7805 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7808 FOSHAN-7808 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
LM317 FOSHAN-LM317 Datasheet
1Mb / 7P
   Voltage Regulator in a TO-220 Plastic Package
7812 FOSHAN-7812 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7905 FOSHAN-7905 Datasheet
928Kb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7815 FOSHAN-7815 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7806 FOSHAN-7806 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com