Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7805 Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # L7805
Description  Voltage Regulator in a TO-220 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

L7805 Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  L7805 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. L7805 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L7805
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/Bag
/袋
Bags/Inner Box
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Bag 袋
Inner Box 盒
Outer Box 箱
TO-220/F
200
10
2,000
5
10,000
135×190
237×172×102
560×245×195
套管包装 / TUBE
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-220/F
50
20
1,000
5
5,000
532×31.4×5.5
555×164×50
575×290×180
使用说明 / Notices


Similar Part No. - L7805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 52P
   Positive voltage regulators
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 56P
   Positive voltage regulators
L7805 STMICROELECTRONICS-L7805 Datasheet
1Mb / 56P
   Positive voltage regulators
More results

Similar Description - L7805

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
7809 FOSHAN-7809 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7810 FOSHAN-7810 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7805 FOSHAN-7805 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7808 FOSHAN-7808 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
LM317 FOSHAN-LM317 Datasheet
1Mb / 7P
   Voltage Regulator in a TO-220 Plastic Package
7812 FOSHAN-7812 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7905 FOSHAN-7905 Datasheet
928Kb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7815 FOSHAN-7815 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7806 FOSHAN-7806 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com