Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASU700SS-480GT-C Datasheet(PDF) 2 Page - A-Data Technology

Part # ASU700SS-480GT-C
Description  ADATA Ultimate SU700 3D NAND SSD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ASU700SS-480GT-C Datasheet(HTML) 2 Page - A-Data Technology

  ASU700SS-480GT-C Datasheet HTML 1Page - A-Data Technology ASU700SS-480GT-C Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance
Capacity
ATTO
CDM-QD32T1
AS SSD
CDM-Random 4K
QD32T1
TBW
Seq.
Read
(MB/s)
Seq.
Write
(MB/s)
Seq.
Read
(MB/s)
Seq.
Write
(MB/s)
Seq.
Read
(MB/s)
Seq.
Write
(MB/s)
Seq.
Read
(MB/s)
Seq.
Write
(MB/s)
120GB
Up to 560
Up to 320
Up to 550
Up to 320
Up to 500
Up to 300
30K
70K
70TB
240GB
Up to 560
Up to 520
Up to 550
Up to 480
Up to 500
Up to 470
60K
80K
140TB
480GB
Up to 560
Up to 520
Up to 550
Up to 490
Up to 500
Up to 480
80K
80K
280TB
*Performance may vary based on SSD capacity, hardware test platform, test software, operating system, and other system variables
Schematics


Similar Part No. - ASU700SS-480GT-C

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ASU650SS-120GT-C A-DATA-ASU650SS-120GT-C Datasheet
275Kb / 2P
   Ultimate SU650 3D NAND SSD
ASU650SS-240GT-C A-DATA-ASU650SS-240GT-C Datasheet
275Kb / 2P
   Ultimate SU650 3D NAND SSD
ASU650SS-480GT-C A-DATA-ASU650SS-480GT-C Datasheet
275Kb / 2P
   Ultimate SU650 3D NAND SSD
ASU800NS38-128GT-C A-DATA-ASU800NS38-128GT-C Datasheet
671Kb / 2P
   3D TLC NAND Flash
ASU800NS38-1TT-C A-DATA-ASU800NS38-1TT-C Datasheet
671Kb / 2P
   3D TLC NAND Flash
More results

Similar Description - ASU700SS-480GT-C

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SU650 A-DATA-SU650 Datasheet
275Kb / 2P
   Ultimate SU650 3D NAND SSD
logo
List of Unclassifed Man...
WDS200T2B0A ETC1-WDS200T2B0A Datasheet
307Kb / 2P
   3D NAND SATA-SSD
logo
A-Data Technology
S511 A-DATA-S511 Datasheet
412Kb / 2P
   Disque Dur SSD ADATA S511 (SATA III)
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
   3D NAND Flash
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
   Quality 3D NAND Flash
SU800M.22280 A-DATA-SU800M.22280 Datasheet
671Kb / 2P
   3D TLC NAND Flash
logo
Micron Technology
MTFDDAT032MAM MICRON-MTFDDAT032MAM Datasheet
327Kb / 30P
   C400v mSATA NAND Flash SSD
MTFDDAT128MAM MICRON-MTFDDAT128MAM Datasheet
324Kb / 30P
   C400 mSATA NAND Flash SSD
logo
Apacer Technology Inc.
SV170-300 APACER-SV170-300 Datasheet
1Mb / 4P
   LDPC ECC engine with 3D NAND flash memory
SV170-M242 APACER-SV170-M242 Datasheet
974Kb / 4P
   LDPC ECC engine with 3D NAND flash memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com