Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D50XB80 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D50XB80
Description  Large I o Single In-line Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D50XB80 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D50XB80_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D50XB80_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D50XB80_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D50XB80_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bridge Diode
■外観図 OUTLINE
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照下
さい。捺印表示については捺印仕様をご確認下さい。
For details of outline dimensions, refer to our web site or the Semiconductor
Short Form Catalog. As for the marking, refer to the specification “Marking,
Terminal Connection”.
特 長
(J534-1)
114
大容量 シングルインライン型
Large Io Single In-line Package
D50XB80
800V 50A
Package
:TSB-4PIN
Unit : mm
Weight : 22g(typ.)
+ ∼ ∼ −
① ② ④ ⑤
管理番号(例)
Control No.
品名
Type No.
ロット記号(例)
Date code
D50XB 80
SHINDENGEN
0264
45.7
27
20
7.5
■定格表 RATINGS
V
A
A
A2s
kV
N・m
V
μA
℃/W
■定格表 RATINGS
●絶対最大定格 Absolute Maximum Ratings(指定のない場合は Tc=25℃/unless otherwise specified
項  目
Item
記号
Symbol
保存温度
Storage Temperature
接合部温度
Operation Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
出力電流
Average Rectified Forward Current
せん頭サージ順電流
Peak Surge Forward Current
電流二乗時間積
Current Squared Time
順電圧
Forward Voltage
逆電流
Reverse Current
熱抵抗
Thermal Resistance
Tstg
Tj
VRM
IO
IFSM
I2t
Vdis
TOR
VF
IR
θjc
θja
50Hz 正弦波,非繰り返し1サイクルせん頭値,
一素子当たりの規格値,Tj = 25℃
50Hz sine wave, Non-repetitive 1cycle peak value,
per diode
,Tj=25℃
一括端子・ケース間,AC1分間印加
モールド部上面(端子と平行面)は除く
Terminals to Case, AC 1 minute
Except top(opposite side of the terminal side)of the mold case.
(推奨値:1.2 N・m)
(Recommended torque : 1.2N・m)
50Hz 正弦波,抵抗負荷
50Hz sine wave, Resistance load
フィン付き
With heatsink
Tc = 95℃
Ta = 26℃
フィンなし
Without heatsink
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
接合部・ケース間
Junction to Case
接合部・ 周囲間
Junction to Ambient
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
IF=25A,
VR=800V,
●電気的・熱的特性 Electrical Characteristics(指定のない場合は Tc=25℃/unless otherwise specified
MAX
1.05
MAX
10
MAX
0.5
MAX
16
−40∼150
150
800
50.0
4.6
600
1800
2.0
1.5
絶縁耐圧
Dielectric Strength
締め付けトルク
Mounting Torque
1ms≦t<10ms,
条 件
Conditions
品 名
Type No.
単位
Unit
D50XB80
1素子当たりの規格値
per diode
• 薄型 SIP パッケージ
• UL E142422
• 高耐圧・高 IFSM
• 大電流容量
• 高放熱伝導性
• Thin-SIP
• UL E142422
• High Voltage・Large IFSM
• Large Io
• High Thermal Radiation
Feature


Similar Part No. - D50XB80_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D50XB80 SHINDENGEN-D50XB80 Datasheet
129Kb / 2P
   Bridge Diode
More results

Similar Description - D50XB80_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D30XT80 SHINDENGEN-D30XT80_17 Datasheet
465Kb / 4P
   Large I o Single In-line Package
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
   Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
   Single In-line Package
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
   Single In-line Package
D30XBN20 SHINDENGEN-D30XBN20_17 Datasheet
574Kb / 4P
   Single In-line Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com