Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4502 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HCPL-4502
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-4502 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL-4502 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
11/2/04
Page 5 of 12
© 2004 Fairchild Semiconductor Corporation
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
SINGLE-CHANNEL: 6N135
6N136
HCPL-2503
HCPL-4502
DUAL-CHANNEL:
HCPL-2530
HCPL-2531
** All Typicals at TA = 25°C
SWITCHING CHARACTERISTICS (TA = 0 to 70°C unless otherwise specified., VCC = 5 V)
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
Propagation delay
time to logic low
TA = 25°C, (RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7)
TPHL
6N135
HCPL-2530
0.45
1.5
µs
(RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7)
TA = 25°C
6N136
HCPL-4502
HCPL-2503
HCPL-2531
0.45
0.8
µs
(RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7)
6N135
HCPL-2530
2.0
µs
(RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7)
6N136
HCPL-4502
HCPL-2503
HCPL-2531
1.0
µs
Propagation delay
time to logic high
TA = 25°C, (RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7)
TPLH
6N135
HCPL-2530
0.5
1.5
µs
(RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7)
TA = 25°C
6N136
HCPL-4502
HCPL-2503
HCPL-2531
0.3
0.8
µs
(RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7)
6N135
HCPL-2530
2.0
µs
(RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7)
6N136
HCPL-4502
HCPL-2503
HCPL-2531
1.0
µs
Common mode
transient
immunity at
logic high
(IF = 0 mA, VCM = 10 VP-P, RL = 4.1 kΩ)
(Note 8) (Fig. 8) TA = 25°C
|CMH|
6N135
HCPL-2530
10,000
V/µs
(IF = 0 mA, VCM = 10 VP-P)
TA = 25°C, (RL = 1.9 kΩ)
(Note 8) (Fig. 8)
6N136
HCPL-4502
HCPL-2503
HCPL-2531
10,000
V/µs
Common mode
transient
immunity at
logic low
(IF = 16 mA, VCM = 10 VP-P, RL = 4.1 kΩ)
(Note 8) (Fig. 8) TA = 25°C
|CML|
6N135
HCPL-2530
10,000
V/µs
(IF = 16 mA, VCM = 10 VP-P)
(RL = 1.9 kΩ)
(Note 8) (Fig. 8)
6N136
HCPL-4502
HCPL-2503
HCPL-2531
10,000
V/µs


Similar Part No. - HCPL-4502

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-4502 QT-HCPL-4502 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results

Similar Description - HCPL-4502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com