Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS3J Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FRS3J
Description  3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FRS3J Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FRS3J Datasheet HTML 1Page - List of Unclassifed Manufacturers FRS3J Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
FRS3
Rating And Characteristic Curves
FORWARD CURRENT DERATING CURVE
Lead temperature (ºC)
0
50
175
25
75
150
125
100
3
2
1
0
8x8 mm
2 x 130
µ
Thick Copper pad Areas
TYPICAL REVERSE CHARACTERISTIC
20
60
10
Percent of rated peak
reverse voltage, %
1
0.1
0.01
40
80 100 120
T = 25 ºC
j
T = 75 ºC
j
T = 125 ºC
j
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
1
Number of cycles at 60 Hz
2 4
6
10
100
40
20
100
80
60
40
20
0
TYPICAL JUNCTION
CAPACITANCE
0.1
0.4 1.0
10
40 100
10
40
4
100
V , reverse voltage (V)
R
T = 25 ºC
j
f = 1 MHz
TYPICAL FORWARD CHARACTERISTIC
0.6
0.8
1
1.2
1.4
1.6
10
V
F, instantaneous forward
voltage (V)
T = 25 ºC
j
2
1
0.2
0.1
0.01
Jun - 03


Similar Part No. - FRS3J

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
List of Unclassifed Man...
FRS3.0-02LG ETC2-FRS3.0-02LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
FRS3.0-03LG ETC2-FRS3.0-03LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
FRS3.0-04LG ETC2-FRS3.0-04LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
FRS3.0-05LG ETC2-FRS3.0-05LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
More results

Similar Description - FRS3J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
   1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FRS2A ETC1-FRS2A Datasheet
48Kb / 2P
   1.5 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FES3A ETC-FES3A Datasheet
50Kb / 2P
   3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FS3A ETC1-FS3A Datasheet
50Kb / 2P
   3 Amp. Surface Mounted Glass Passivated Rectifier
FES2A ETC1-FES2A Datasheet
51Kb / 2P
   2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FESIA ETC-FESIA Datasheet
51Kb / 2P
   1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
Central Semiconductor C...
CPD25 CENTRAL-CPD25 Datasheet
62Kb / 1P
   Fast Recovery Rectifier 3 Amp Glass Passivated Rectifier Chip
logo
Fuji Electric
RS3A FUJI-RS3A Datasheet
718Kb / 1P
   3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
FR151G SECOS-FR151G Datasheet
203Kb / 2P
   1.5 AMP Glass Passivated Fast Recovery Rectifier
SCDF103 SECOS-SCDF103_15 Datasheet
380Kb / 2P
   1.0 Amp Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com