Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PHL-ST Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 104PHL-ST
Description  Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

104PHL-ST Datasheet(HTML) 3 Page - Vishay Siliconix

  104PHL-ST Datasheet HTML 1Page - Vishay Siliconix 104PHL-ST Datasheet HTML 2Page - Vishay Siliconix 104PHL-ST Datasheet HTML 3Page - Vishay Siliconix 104PHL-ST Datasheet HTML 4Page - Vishay Siliconix 104PHL-ST Datasheet HTML 5Page - Vishay Siliconix 104PHL-ST Datasheet HTML 6Page - Vishay Siliconix 104PHL-ST Datasheet HTML 7Page - Vishay Siliconix 104PHL-ST Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
104 PHL-ST
www.vishay.com
Vishay BCcomponents
Revision: 06-Sep-17
3
Document Number: 28389
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
Note
• For STB version holds:
H of cardbox box: + 10 mm
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 104 PHL-ST series
4700 μF / 250 V; ± 20 %
Nominal case size: Ø 65 mm x 105 mm; ST version
Ordering code: MAL2 104 13472 E3
Former 12NC:
2222 104 13472
DIMENSIONS in millimeters AND MASS
DESIGN
DRAWING
L ± 1
Lt ± 1
D ± 1
P ± 0.3
T ± 0.2
H ± 0.3
B ± 0.3
D1 ± 0.1
M
S - 0
Mb
lb ± 0.1
MASS
(g)
35 x 60
2A
63.3
68.7
35.3
12.8
7.0
4.6
11.0
7.9
M5
9.5
M8
12.0
75
35 x 80
2A
81.3
86.7
35.3
12.8
7.0
4.6
11.0
7.9
M5
9.5
M8
12.0
95
35 x 105
2A
103.3
108.7
35.3
12.8
7.0
4.6
11.0
7.9
M5
9.5
M8
12.0
130
50 x 80
2A
82.8
88.8
51.0
22.2
7.1
4.8
11.0
7.9
M5
9.5
M12
16.0
200
50 x 105
2A
104.8
110.8
51.0
22.2
7.1
4.8
11.0
7.9
M5
9.5
M12
16.0
300
65 x 105
2A
104.8
110.7
65.0
28.5
7.0
4.6
11.9
7.9
M5
9.5
M12
16.0
480
65 x 105 HC
2B
104.8
109.2
65.0
28.5
5.5
3.5
18.0
13.0
M6
8.5
M12
16.0
480
76 x 105
2A
105.8
111.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
700
76 x 105 HC
2B
105.8
110.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
700
76 x 146
2A
145.8
151.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
1000
76 x 146 HC
2B
145.8
150.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
1000
76 x 220
2A
219.8
225.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
1500
76 x 220 HC
2B
219.8
224.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
1500
90 x 146 HC
2B
150.1
155.4
89.4
31.8
7.9
0.0
13.0
13.0
M6
10.0
M12
16.0
1300
90 x 220 HC
2B
218.1
223.4
89.4
31.8
7.9
0.0
13.0
13.0
M6
10.0
M12
16.0
2000
PACKAGING QUANTITIES AND DIMENSIONS in millimeters
DESIGN
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
35 x 60
50
377 x 375 x 88
35 x 80
50
377 x 375 x 123
35 x 105
50
377 x 375 x 129
50 x 80
25
377 x 375 x 123
50 x 105
25
377 x 375 x 129
65 x 105
16
377 x 375 x 129
65 x 105 HC
16
377 x 375 x 129
76 x 105
12
377 x 375 x 129
76 x 105 HC
12
377 x 375 x 129
76 x 146
12
377 x 375 x 168
76 x 146 HC
12
377 x 375 x 168
76 x 220
18
520 x 270 x 280
76 x 220 HC
18
520 x 270 x 280
90 x 146 HC
8
377 x 375 x 168
90 x 220 HC
10
520 x 270 x 280
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 105 °C
IL5
Max. leakage current after 5 min at UR
ESR
Max. equivalent series resistance at 100 Hz
Z
Impedance at 20 kHz


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn