Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PHL-ST Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. 104PHL-ST
Description  Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

104PHL-ST Datasheet(HTML) 1 Page - Vishay Siliconix

  104PHL-ST_17 Datasheet HTML 1Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 2Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 3Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 4Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 5Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 6Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 7Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
104 PHL-ST
www.vishay.com
Vishay BCcomponents
Revision: 06-Sep-17
1
Document Number: 28389
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Power High Ripple Current Long Life Screw Terminals
Fig. 1
FEATURES
• Long useful life: 5000 h at +105 °C
• High reliability
• Available in case sizes up to Ø 90 mm x 220 mm
• Polarized
aluminum
electrolytic
capacitors,
non-solid electrolyte
• Large types, cylindrical aluminum case, insulated with a
blue sleeve
• Also available in bolt version (104 PHL-STB)
• Pressure relief in the sealing
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecom and industrial, high temperature systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
• Traction (subway, metro, light rail)
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• “-” sign to identify the negative terminal, visible from the
top and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
• “LL” for long life grade
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size (Ø D x L in mm)
35 x 60 to 90 x 220
Rated capacitance range
(E6 series), CR
150 μF to 33 000 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
200 V to 450 V
Category temperature range
-40 °C to +105 °C
Endurance test at 105 °C
2000 h
Useful life at 105 °C
5000 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional specification
IEC 60384-4 / EN 130300
Climatic category IEC 60068
40 / 105 / 56
102
PHR-ST
104
PHL-ST
85
°C
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
200
250
350
400
450
150
-
-
-
-
35 x 60
220
-
-
-
35 x 60
35 x 80
330
-
-
35 x 60
35 x 80
35 x 105
470
-
-
35 x 80
35 x 80
50 x 80
680
35 x 60
35 x 60
35 x 105
50 x 80
50 x 105
35 x 60
35 x 80
50 x 80
50 x 105
50 x 105
1000
35 x 80
35 x 105
-
-
65 x 105
35 x 80
-
-
-
-
1500
35 x 80
35 x 105
50 x 105
50 x 105
65 x 105
35 x 105
50 x 80
-
65 x 105
76 x 105
2200
35 x 105
50 x 80
65 x 105
65 x 105
76 x 105
50 x 80
35 x 105
-
76 x 105
76 x 146
3300
50 x 80
50 x 105
-
76 x 105
76 x 146
50 x 105
65 x 105
-
76 x 146
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn