Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PHL-ST Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. 104PHL-ST
Description  Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

104PHL-ST Datasheet(HTML) 6 Page - Vishay Siliconix

  104PHL-ST_17 Datasheet HTML 1Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 2Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 3Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 4Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 5Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 6Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 7Page - Vishay Siliconix 104PHL-ST_17 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
104 PHL-ST
www.vishay.com
Vishay BCcomponents
Revision: 06-Sep-17
6
Document Number: 28389
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Note
• Multiplier of useful life code: CCC206-5
Fig. 3 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
ENDURANCE TEST DURATION AND USEFUL LIFE
ENDURANCE
AT 105 °C
(h)
USEFUL LIFE
AT 105 °C
(h)
2000
5000
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
50
100
200
400
1000
10 000
IR MULTIPLIER
0.90
1.00
1.20
1.30
1.40
1.50
I
A = Actual ripple current at 100 Hz
I
R = Actual ripple current at 100 Hz and 105 °C
With an absolute maximum of 50 A at 105 °C
(1) Useful life at 105 °C and I
R applied: 5000 h
Lifetime multiplier
(1)
CCC206-5
3.8
3.7
I
A
I
R
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
40
50
60
70
80
90
100
T
amb (°C)
110


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn