Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6217W Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # P6217W
Description  21.5 FHD TFT Widescreen Industrial LCD Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6217W Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  P6217W_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. P6217W_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
642
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
6
5
7
8
9
1
0
Ordering Information
Specifications
Input Signal
VGA
HDMI
DVI (oly for DVI-D)
Touchscreen: USB interface
I/O Connectors
1 x USB for touchscreen version
1 x Audio (Line-in)
1 x VGA input
1 x HDMI
1 x DVI
1 x Screw type or Phoenix type power input
Power Adapter
Screw-type external AC/DC power adapter
Power Consumption
20 W
Touchscreen
Multi-touch projective capacitive (optional)
Dimensions
547.59 mm (21.56") (W) x 339.05 mm (13.34") (D) x 53 mm
(2.09") (H)
Packing Dimensions
700 mm (27.56") (W) x 185 mm (7.28") (D) x 510 mm (20.07") (H)
Weight (net/gross)
6.42 kg (14.15 lb)/7.78 kg (17.15 lb)
Environment
Operating temperature: 0°C ~ +45°C (+32°F ~ +113°F)
Relative humidity: 20%~90% @ 40°C, non-condensing
Packing List
1x VGA cable
1x RS-232 or USB cable for touchscreen (for touch version)
1x Audio cable
1x EU/US power cord (for AC version)
Certificate
CE
P6217W
AC Power
Panel mount monitor
Capacitive (USB)
P6217WPC-AC-U-US-EU
Glass
P6217WPG-AC-US-EU
24VDC Power
Panel mount monitor
Capacitive (USB)
P6217WPC-24VDC-U
Glass
P6217WPG-24VDC
Dimensions
Optional Accessories
5946L203800E
HDMI cable
59461713400E
DVI cable
82262170000E
Panel mount kit
82231770050E
Wall mount kit
E226171106
Desktop stand
Updated Mar. 06, 2017.


Similar Part No. - P6217W_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6217WPC-24VDC-U AXIOMTEK-P6217WPC-24VDC-U Datasheet
304Kb / 2P
   21.5 FHD TFT 250 nits with projective capacitive multi-touch
P6217WPC-AC-U-US-EU AXIOMTEK-P6217WPC-AC-U-US-EU Datasheet
304Kb / 2P
   21.5 FHD TFT 250 nits with projective capacitive multi-touch
P6217WPG-24VDC AXIOMTEK-P6217WPG-24VDC Datasheet
304Kb / 2P
   21.5 FHD TFT 250 nits with projective capacitive multi-touch
P6217WPG-AC-US-EU AXIOMTEK-P6217WPG-AC-US-EU Datasheet
304Kb / 2P
   21.5 FHD TFT 250 nits with projective capacitive multi-touch
More results

Similar Description - P6217W_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6157W AXIOMTEK-P6157W_17 Datasheet
284Kb / 2P
   15.6 WXGA TFT Widescreen Industrial LCD Monitor
P6187W-V2 AXIOMTEK-P6187W-V2_17 Datasheet
350Kb / 2P
   18.5 WXGA TFT Widescreen Industrial LCD Monitor
P6187W AXIOMTEK-P6187W_17 Datasheet
273Kb / 2P
   18.5 WXGA TFT Widescreen Industrial LCD Monitor
P6103WPC-AC-U-US-EU AXIOMTEK-P6103WPC-AC-U-US-EU Datasheet
375Kb / 3P
   10.1 WXGA TFT Widescreen Industrial LCD Monitor
P6157W-V2 AXIOMTEK-P6157W-V2 Datasheet
366Kb / 2P
   15.6 WXGA TFT Widescreen Industrial LCD Monitor
P6103W AXIOMTEK-P6103W Datasheet
374Kb / 2P
   10.1 WXGA TFT Widescreen Industrial LCD Monitor
P6103WPC-24VDC-U AXIOMTEK-P6103WPC-24VDC-U Datasheet
375Kb / 3P
   10.1 WXGA TFT Widescreen Industrial LCD Monitor
logo
Advantech Co., Ltd.
IDS-3121W ADVANTECH-IDS-3121W_V01 Datasheet
544Kb / 2P
   21.5 FHD OpenFrame Monitor
27-Apr-2018
IDS-3121W ADVANTECH-IDS-3121W_15 Datasheet
322Kb / 2P
   21.5" FHD OpenFrame Monitor
IDS-3121GD ADVANTECH-IDS-3121GD_15 Datasheet
541Kb / 2P
   21.5" FHD OpenFrame Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com