Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C78 Datasheet(PDF) 3 Page - SMSC Corporation

Part # FDC37C78
Description  Floppy Disk Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 Datasheet(HTML) 3 Page - SMSC Corporation

  FDC37C78 Datasheet HTML 1Page - SMSC Corporation FDC37C78 Datasheet HTML 2Page - SMSC Corporation FDC37C78 Datasheet HTML 3Page - SMSC Corporation FDC37C78 Datasheet HTML 4Page - SMSC Corporation FDC37C78 Datasheet HTML 5Page - SMSC Corporation FDC37C78 Datasheet HTML 6Page - SMSC Corporation FDC37C78 Datasheet HTML 7Page - SMSC Corporation FDC37C78 Datasheet HTML 8Page - SMSC Corporation FDC37C78 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
3
GENERAL DESCRIPTION
The SMSC FDC37C78 Floppy Disk Controller
utilizes SMSC's proven SuperCell technology
for increased product reliability and functionality.
The FDC37C78 optimized for motherboard
applications.
The FDC37C78 supports both 1
Mbps and 2 Mbps data rates and vertical vertical
recording operation at 1 Mbps Data Rate.
The FDC37C78 incorporates SMSC's true CMOS
765B floppy disk controller, advanced digital data
separator, 16 byte data FIFO, on-chip 12 mA bus
drivers and two floppy direct drive support. The
true
CMOS
765B
core
provides
100%
compatibility with
IBM
PC/XT
and
PC/AT
architectures in addition to providing data overflow
and underflow protection. The SMSC advanced
digital data separator incorporates SMSC's
patented data separator technology, allowing for
ease of testing and use.
The FDC37C78 incorporates sophisticated power
control circuitry (PCC).
The PCC supports
multiple low power down modes.
The
FDC37C78
Floppy
Disk
Controller
incorporates Software Configurable Logic (SCL)
for ease of use. Use of the SCL feature allows
programmable
system
configuration
of
key
functions of FDC
The FDC37C78 does not require any external
filter components, and is, therefore easy to use
and offers lower system cost and reduced board
area. The FDC37C78 is software and register
compatible with SMSC's proprietary 82077AA
core.


Similar Part No. - FDC37C78

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Microchip Technology
FDC37C78 MICROCHIP-FDC37C78 Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
More results

Similar Description - FDC37C78

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
   UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com