Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB8896 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDB8896
Description  N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8896 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDB8896 Datasheet HTML 1Page - Fairchild Semiconductor FDB8896 Datasheet HTML 2Page - Fairchild Semiconductor FDB8896 Datasheet HTML 3Page - Fairchild Semiconductor FDB8896 Datasheet HTML 4Page - Fairchild Semiconductor FDB8896 Datasheet HTML 5Page - Fairchild Semiconductor FDB8896 Datasheet HTML 6Page - Fairchild Semiconductor FDB8896 Datasheet HTML 7Page - Fairchild Semiconductor FDB8896 Datasheet HTML 8Page - Fairchild Semiconductor FDB8896 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDB8896 Rev. B1
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Current
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
VGS = VDS, ID = 250µA
TJ, JUNCTION TEMPERATURE (
oC)
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
0.1
1
10
30
5000
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
10
203040
50
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 35A
ID = 16A
WAVEFORMS IN
DESCENDING ORDER:


Similar Part No. - FDB8896

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8896 FAIRCHILD-FDB8896 Datasheet
553Kb / 11P
   N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDB8896 ISC-FDB8896 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB8896 FAIRCHILD-FDB8896_08 Datasheet
553Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDB8896

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8874 FAIRCHILD-FDD8874_08 Datasheet
664Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
FDU8878 FAIRCHILD-FDU8878_08 Datasheet
405Kb / 12P
   N-Channel PowerTrench MOSFET 30V, 40A, 15m ohm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com